Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 23 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 23 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. VT8235 Datasheet HTML 23Page - VIA Technologies, Inc. VT8235 Datasheet HTML 24Page - VIA Technologies, Inc. VT8235 Datasheet HTML 25Page - VIA Technologies, Inc. VT8235 Datasheet HTML 26Page - VIA Technologies, Inc. VT8235 Datasheet HTML 27Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-17-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
General Purpose Inputs
Signal Name
Pin #
I/O Signal Description
GPI0
(VBAT)
AE3
I
General Purpose Input 0.
Status on PMIO Rx20[0]
GPI1
(VSUS33)
AC3
I
General Purpose Input 1.
Status on PMIO Rx20[1]
GPI2
/ EXTSMI#
(VSUS33)
AA1
I
General Purpose Input 2.
Status on PMIO Rx20[4]
GPI3
/ RING#
(VSUS33)
Y2
I
General Purpose Input 3.
Status on PMIO Rx20[8]
GPI4
/ LID#
(VSUS33)
AC1
I
General Purpose Input 4.
Status on PMIO Rx20[11]
GPI5
/ BATLOW#
(VSUS33)
W4
I
General Purpose Input 5.
Status on PMIO Rx20[12]
GPI6
/ AGPBZ#
A8
I
General Purpose Input 6.
Status on PMIO Rx20[5]
GPI7
/ REQ5#
N4
I
General Purpose Input 7.
RxE4[2] = 0
GPI8
/ GPO8 / PCREQA / VGATE
C8
I
General Purpose Input 8.
RxE4[3] = 0, E5[4]=0, 53[7] = 0
GPI9
/ GPO9 / PCREQB
B7
I
General Purpose Input 9.
RxE4[3] = 0, 53[7] = 0
GPI10
/ GPO10
D7
I
General Purpose Input 10.
RxE4[3] = 0
GPI11
/ GPO11
A6
I
General Purpose Input 11.
RxE4[3] = 0
GPI12
/ GPO12 / INTE# / PCGNTA
A7
I
General Purpose Input 12.
RxE4[4] = 0, 5B[1]=0, 53[7]=0
GPI13
/ GPO13 / INTF# / PCGNTB
B8
I
General Purpose Input 13.
RxE4[4] = 0, 5B[1]=0, 53[7]=0
GPI14
/ GPO14 / INTG#
D8
I
General Purpose Input 14.
RxE4[4] = 0, 5B[1]=0
GPI15
/ GPO15 / INTH#
C7
I
General Purpose Input 15.
RxE4[4] = 0, 5B[1]=0
GPI16
/ INTRUDER#
(VBAT)
AD3
I
General Purpose Input 16.
Status on PMIO Rx20[6]
GPI17
/ CPUMISS
Y1
I
General Purpose Input 17.
Status on PMIO Rx20[5]
GPI18
/ THRM# / AOLGPI
Y4
I
General Purpose Input 18.
Rx8C[3] = 0
GPI19
/ IORDY
AD10
I
General Purpose Input 19.
RxE5[0] = 1
GPI20
/ GPO20 / ACSDIN2 / PCS0#
U2
I
General Purpose Input 20.
RxE4[6]=1, E5[1]=0,
PMIO 4C[20] = 1
GPI21
/ GPO21 / ACSDIN3 / PCS1# / SLPBTN#
V1
I
General Purpose Input 21.
RxE4[6]=1, E5[2]=0
PMIO 4C[21] = 1
GPI22
/ GPO22 / GHI#
R24
I
General Purpose Input 22.
RxE5[3] = 1, PMIO 4C[22] = 1
GPI23
/ GPO23 / DPSLP#
P26
I
General Purpose Input 23.
RxE5[3] = 1, PMIO 4C[23] = 1
GPI24
/ GPO24 / GPIOA
AE5
I
General Purpose Input 24.
RxE6[0] = 0
GPI25
/ GPO25 / GPIOC
AE6
I
General Purpose Input 25.
RxE6[1] = 0
GPI26
/ GPO26 / SMBDT2
(VSUS33)
AD1
I
General Purpose Input 26.
Rx95[2] = 1, 95[3] = 0
GPI27
/ GPO27 / SMBCK2
(VSUS33)
AE1
I
General Purpose Input 27.
Rx95[2] = 1, 95[3] = 0
GPI28
/ GPO28 / VIDSEL
P25
I
General Purpose Input 28.
RxE5[3] = 1, PMIO 4C[28] = 1
GPI29
/ GPO29 / VRDSLP
P24
I
General Purpose Input 29.
RxE5[3] = 1, PMIO 4C[29] = 1
GPI30
/ GPO30 / GPIOD
AD6
I
General Purpose Input 30.
RxE6[6] = 0
GPI31
/ GPO31 / GPIOE
AC6
I
General Purpose Input 31.
RxE6[7] = 0
Note: Default pin function is underlined in the signal name column above.
Note: Input pin status for the above GPI pins 31-0 is also available on PMIO Rx4B-48[31-0]
Note: See also Power Management I/O register Rx50 for input pin change status for GPI16-19 and 24-27
Note: See also Power Management I/O register Rx52 for SCI/SMI select for GPI16-19 and 24-27
Note: See also Power Management I/O register Rx4C. General purpose input pins 20-31 are shared with OD (open drain) general
purpose output functions, so to use one of these pins as an input pin, a one must be written to the corresponding bit of PMIO
Rx4C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com