Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 75 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 75 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. VT8235 Datasheet HTML 73Page - VIA Technologies, Inc. VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. VT8235 Datasheet HTML 75Page - VIA Technologies, Inc. VT8235 Datasheet HTML 76Page - VIA Technologies, Inc. VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-69-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Programmable Chip Select Control
Offset 5D-5C – PCS 0 I/O Port Address (0000h) ............RW
15-0 PCS 0 I/O Port Address
........................... default = 0
Offset 5F-5E – PCS 1 I/O Port Address (0000h).............RW
15-0 PCS 1 I/O Port Address
........................... default = 0
Offset 61-60 – PCS 2 I/O Port Address (0000h)..............RW
15-0 PCS 2 I/O Port Address
........................... default = 0
Offset 63-62 – PCS 3 I/O Port Address (0000h)..............RW
15-0 PCS 3 I/O Port Address
........................... default = 0
Offset 65-64 – PCS I/O Port Address Mask (0000h) ......RW
15-12 PCS 3 I/O Port Address Mask 3-0
0000 Decode range is 1 byte .......................... default
0001 Decode range is 2 bytes
0011 Decode range is 4 bytes
0111 Decode range is 8 bytes
1111 Decode range is 16 bytes
11-8 PCS 2 I/O Port Address Mask 3-0
0000 Decode range is 1 byte .......................... default
0001 Decode range is 2 bytes
0011 Decode range is 4 bytes
0111 Decode range is 8 bytes
1111 Decode range is 16 bytes
7-4
PCS 1 I/O Port Address Mask 3-0
0000 Decode range is 1 byte .......................... default
0001 Decode range is 2 bytes
0011 Decode range is 4 bytes
0111 Decode range is 8 bytes
1111 Decode range is 16 bytes
3-0
PCS 0 I/O Port Address Mask 3-0
0000 Decode range is 1 byte .......................... default
0001 Decode range is 2 bytes
0011 Decode range is 4 bytes
0111 Decode range is 8 bytes
1111 Decode range is 16 bytes
Offset 66 – PCS Control (00h) ......................................... RW
7
PCS 3 Internal I/O
0
Disable (External) .................................. default
1
Enable (Internal)
6
PCS 2 Internal I/O
0
Disable (External) .................................. default
1
Enable (Internal)
5
PCS 1 Internal I/O
0
Disable (External) .................................. default
1
Enable (Internal)
4
PCS 0 Internal I/O
0
Disable (External) .................................. default
1
Enable (Internal)
The above 4 bits determine whether Programmable Chip
Selects 0-3 are treated as internal I/O
3
PCS 3
0
Disable ................................................... default
1
Enable
2
PCS 2
0
Disable ................................................... default
1
Enable
1
PCS 1
0
Disable ................................................... default
1
Enable
0
PCS 0
0
Disable ................................................... default
1
Enable
Offset 67 – Output Control (04h) .................................... RW
7-3
Reserved
........................................always reads 0
2
FERR Voltage
0
2.5V
1
1.5V
................................................... default
1-0
Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com