Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 19 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 19 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 15Page - VIA Technologies, Inc. VT8235 Datasheet HTML 16Page - VIA Technologies, Inc. VT8235 Datasheet HTML 17Page - VIA Technologies, Inc. VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. VT8235 Datasheet HTML 23Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-13-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Universal Serial Bus 2.0 Interface
Signal Name
Pin #
I/O
Signal Description
USBP0+
A21
IO
USB 2.0 Port 0 Data +
USBP0–
B21
IO
USB 2.0 Port 0 Data –
USBP1+
E21
IO
USB 2.0 Port 1 Data +
USBP1–
D21
IO
USB 2.0 Port 1 Data –
USBP2+
A19
IO
USB 2.0 Port 2 Data +
USBP2–
B19
IO
USB 2.0 Port 2 Data –
USBP3+
E19
IO
USB 2.0 Port 3 Data +
USBP3–
D19
IO
USB 2.0 Port 3 Data –
USBP4+
A17
IO
USB 2.0 Port 4 Data +
USBP4–
B17
IO
USB 2.0 Port 4 Data –
USBP5+
E17
IO
USB 2.0 Port 5 Data +
USBP5–
D17
IO
USB 2.0 Port 5 Data –
USBCLK
D23
I
USB 2.0 Clock.
48MHz clock input for the USB interface
USBOC0#
A15
I
USB 2.0 Port 0 Over Current Detect.
Port 0 is disabled if low.
USBOC1#
B15
I
USB 2.0 Port 1 Over Current Detect.
Port 1 is disabled if low.
USBOC2#
C15
I
USB 2.0 Port 2 Over Current Detect.
Port 2 is disabled if low.
USBOC3#
E15
I
USB 2.0 Port 3 Over Current Detect.
Port 3 is disabled if low.
USBOC4#
D14
I
USB 2.0 Port 4 Over Current Detect.
Port 4 is disabled if low.
USBOC5#
E14
I
USB 2.0 Port 5 Over Current Detect.
Port 5 is disabled if low.
USBVCC
(see pin list)
Power USB 2.0 Port Differential Output Interface Logic Voltage. 3.3V
USBGND
(see pin list)
Power USB 2.0 Port Differential Output Interface Logic Ground.
VSUSUSB
D15
Power USB 2.0 Suspend Power. 2.5V ±5%.
VCCUPLL
A23, D22
Power USB 2.0 PLL Analog Voltage. 2.5V ±5%.
GNDUPLL
B23, E22
Power USB 2.0 PLL Analog Ground.
System Management Bus (SMB) Interface (I
2C Bus)
Signal Name
Pin #
I/O
Signal Description
SMBCK1
AB3
IO
SMB / I
2C Channel 1 Clock.
SMBCK2
/ GPI27 / GPO27
AE1
IO
SMB / I
2C Channel 2 Clock. Rx95[2] = 0
SMBDT1
AC2
IO
SMB / I
2C Channel 1 Data.
SMBDT2
/ GPI26 / GPO26
AD1
IO
SMB / I
2C Channel 2 Data. Rx95[2] = 0
SMBALRT#
AB2
I
SMB Alert.
(enabled by System Management Bus I/O space Rx08[3] =
1) When the chip is enabled to allow it, assertion generates an IRQ or
SMI interrupt or a power management resume event. Connect to a 10K
ohm pullup to VSUS33 if not used.
Programmable Chip Selects
Signal Name
Pin #
I/O
Signal Description
PCS0#
/ GPIO20 / ACSDIN2
U2
O
Programmable Chip Select 0.
RxE4[6]=1, E5[1]=1
PCS1#
/ GPIO21 / ACSDIN3 / SLPBTN#
V1
O
Programmable Chip Select 1.
RxE4[6]=1, E5[2]=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com