Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 98 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 98 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-92-
I/O Space System Management Bus Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 08h – SMBus Slave Control............................RW
7-5
Reserved
........................................ always reads 0
4
SMBus GPIO Slave Enable
0
Disable .................................................. default
1
Enable generation of a resume event upon an
external
SMBus
master
generating
a
transaction with an address that matches the
GPIO Slave Address register (I/O offset 0Fh).
3
SMBus Alert Enable
0
Disable .................................................. default
1
Enable generation of an interrupt or resume
event on the assertion of the SMBALERT#
signal
2
SMBus Shadow Port 2 Enable
0
Disable .................................................. default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus Slave Shadow Port 2 register (PCI
function 4 configuration register RxD5).
1
SMBus Shadow Port 1 Enable
0
Disable .................................................. default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus Slave Shadow Port 1 register (PCI
function 4 configuration register RxD4).
0
SMBus Slave Enable
0
Disable .................................................. default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus host controller slave port of 10h, a
command field which matches the SMBus
Slave Command register (PCI function 4
configuration register RxD3), and a match of
one of the corresponding enabled events in the
SMBus Slave Event Register (I/O Offset 0Ah).
I/O Offset 09h – SMBus Shadow Command................... RO
This register is used to store command values for external
SMBus master accesses to the host slave and slave shadow
ports.
7-0
Shadow Command
................................... default = 0
This field contains the command value which was
received during an external SMBus master access
whose address field matched the host slave address
(10h) or one of the slave shadow port addresses.
I/O Offset 0B-0Ah – SMBus Slave Event........................ RW
This register is used to enable generation of interrupt or
resume events for accesses to the host controller’s slave port.
15-0 SMBus Slave Event
..................................default = 0
This field contains data bits used to compare against
incoming data to the SMBus Slave Data Register (I/O
Offset 0Ch). When a bit in this register is set and the
corresponding bit the Slave Data register is also set,
an interrupt or resume event will be generated if the
command value matches the value in the SMBus
Slave Command register and the access was to
SMBus host address 10h.
I/O Offset 0D-0Ch – SMBus Slave Data .......................... RO
This register is used to store data values for external SMBus
master accesses to the shadow ports or the SMBus host
controller’s slave port.
15-0 SMBus Slave Data
....................................default = 0
This field contains the data value which was
transmitted during an external SMBus master access
whose address field matched one of the slave shadow
port addresses or the SMBus host controller slave
port address of 10h.
I/O Offset 0Fh – SMBus GPIO Slave Address (30h) ..... RW
7-1
SMBus GPIO Slave Address
...................default = 0
This field specifies the address to match against
incoming SMBus addresses for a GPIO slave.
0
Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com