Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 102 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 102 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-96-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 44 - Miscellaneous Control 1 (08h) .......................RW
7-5
Reserved
........................................ always reads 0
4
PIO Read Pre-Fetch Byte Counter
Determines whether the amount of data prefetched
under PIO read is limited.
0
Disable (no limit) .................................. default
1
Enable. The maximum number of bytes that
can be prefetched is determined by Rx61-
60[11:0] for the primary channel and Rx69-
68[11:0] for the secondary channel.
3
Bus Master IDE Status Register Read Retry
Determines whether a read to the bus master IDE
status register is retried when DMA operation is not
complete.
0
Disable. Reads will return status even if DMA
operation is not complete.
1
Enable.
Reads of the status register are
automatically retried while DMA operation is
not complete. .........................................default
2
Packet Command Prefetching
Determines whether prefetching is enabled for packet
commands.
Packet commands are commands for
ATAPI, which is used for operating devices such as
CD-ROM drives.
0
Disable .................................................. default
1
Enable
1
Reserved
........................................ always reads 0
0
UltraDMA Host Must Wait for First Transfer
Before Termination
0
Enable. The UltraDMA host must wait until at
least the first transfer is completed before it
can terminate a transaction. ................... default
1
Disable
Offset 45 - Miscellaneous Control 2 (20h)....................... RW
7
Reserved
........................................always reads 0
6
Interrupt Steering Swap
Controls whether primary and secondary channel
interrupts are swapped.
0
Primary channel interrupt is steered to IRQ14,
Secondary channel is steered to IRQ15 . default
1
Primary channel interrupt is steered to IRQ15,
Secondary channel interrupt steered to IRQ14
5
Reserved
...................................... always reads 1
4
Rx3C Write Protect
0
Disable (writes to Rx3C are allowed) .... default
1
Enable (writes to Rx3C are ignored). Under
Native Mode (Rx9[2]=1 or Rx9[0]=1) Rx3C
should not be write protected as it is used to
route IRQ lines.
3
“Memory-Read-Multiple” Command
0
Disable ................................................... default
1
Enable
2
“Memory-Write-and-Invalidate” Command
0
Disable ................................................... default
1
Enable
1-0
Reserved
........................................always reads 0
Offset 46 - Miscellaneous Control 3 (C0h)...................... RW
7
Primary Channel Read DMA FIFO Flush
0
Disable
1
Enable. The primary channel DMA FIFO is
flushed when an interrupt request is generated
................................................... default
6
Secondary Channel Read DMA FIFO Flush
0
Disable
1
Enable. The secondary channel DMA FIFO is
flushed when an interrupt request is generated
................................................... default
5-0
Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com