Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 88 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 88 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-82-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 5-4 - Power Management Control..................RW
15
Soft Resume
This bit is used to allow a system using an AT power
supply to operate as if an ATX power supply were
being used.
Refer to the BIOS Porting Guide for
implementation details.
0
Disable .................................................. default
1
Enable
14
Reserved
........................................ always reads 0
13
Sleep Enable
................................. Write 1 to activate
This is a write-only bit; reads from this bit always
return zero.
Writing a one to this bit causes the
system to sequence into the sleep (suspend) state
defined by the Sleep Type field.
12-10 Sleep Type
000 Normal On
001 Suspend to RAM (STR)
010 Suspend to Disk (STD) (also called Soft Off).
The VCC power plane is turned off while the
VSUS33 and VBAT planes remain on.
011 Reserved
100 Power On Suspend without Reset
101 Power On Suspend with CPU Reset
110 Power On Suspend with CPU/PCI Reset
111 Reserved
In any sleep state, there is minimal interface between
powered and non-powered planes so that the effort
for hardware design may be well managed.
9
Reserved
........................................ always reads 0
8
STD Command Generates System Reset Only
0
Disable .................................................. default
1
Enable (STD command generates a system
reset and not STD)
7-3
Reserved
........................................ always reads 0
2
Global Release
................................. WO, default = 0
This bit is set by ACPI software to indicate the
release of the SCI / SMI lock. Upon setting of this
bit, the hardware automatically sets the BIOS Status
bit. The bit is cleared by hardware when the BIOS
Status bit is cleared by software. Note that the setting
of this bit will cause an SMI to be generated if the
BIOS Enable bit is set (bit-5 of the Global Enable
register at offset 2Ah).
1
Bus Master Reload
This bit controls whether bus master requests (PMIO
Rx00[4] = 1) transition the processor from C3 to C0
state.
0
Bus master requests are ignored by power
management logic ................................. default
1
Bus master requests transition the processor
from the C3 state to the C0 state
0
SCI / SMI Select
This bit controls whether SCI or SMI is generated for
power management events triggered by the Power
Button, Sleep Button, and RTC (when PMIO Rx1-0
bits 8, 9, or 10 equal one).
0
Generate SMI......................................... default
1
Generate SCI
Note that certain power management events can be
programmed individually to generate an SCI or SMI
independent of the setting of this bit (refer to the
General Purpose SCI Enable and General Purpose
SMI Enable registers at offsets 22 and 24).
Also,
Timer Status & Global Status always generate SCI
and BIOS Status always generates SMI.
I/O Offset 0B-08 - Power Management Timer ............... RW
31-24 Extended Timer Value
This field reads back 0 if the 24-bit timer option is
selected (Rx41 bit-3).
23-0 Timer Value
This read-only field returns the running count of the
power management timer. This is a 24/32-bit counter
that runs off a 3.579545 MHz clock, and counts while
in the S0 (working) system state. The timer is reset
to an initial value of zero during a reset, and then
continues counting until the 14.31818 MHz input to
the chip is stopped. If the clock is restarted without a
reset, then the counter will continue counting from
where it stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com