Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 16 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 16 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 12Page - VIA Technologies, Inc. VT8235 Datasheet HTML 13Page - VIA Technologies, Inc. VT8235 Datasheet HTML 14Page - VIA Technologies, Inc. VT8235 Datasheet HTML 15Page - VIA Technologies, Inc. VT8235 Datasheet HTML 16Page - VIA Technologies, Inc. VT8235 Datasheet HTML 17Page - VIA Technologies, Inc. VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-10-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
CPU Interface
Signal Name
Pin # I/O Signal Description
A20M#
T25
OD A20 Mask. Connect to A20 mask input of the CPU to control address bit-20 generation.
Logical combination of the A20GATE input (from internal or external keyboard controller)
and Port 92 bit-1 (Fast_A20).
FERR#
U26
I
Numerical Coprocessor Error.
This signal is tied to the coprocessor error signal on the
CPU. Internally generates interrupt 13 if active. Output voltage swing is programmable tot
1.5V or 2.5V by Device 17 Function 0 Rx67[2].
IGNNE#
T26
OD Ignore Numeric Error. This pin is connected to the CPU “ignore error” pin.
INIT#
R25
OD Initialization. The VT8235 asserts INIT# if it detects a shut-down special cycle on the PCI
bus or if a soft reset is initiated by the register
INTR
T23
OD CPU Interrupt. INTR is driven by the VT8235 to signal the CPU that an interrupt request
is pending and needs service.
NMI
R23
OD Non-Maskable Interrupt. NMI is used to force a non-maskable interrupt to the CPU. The
VT8235 generates an NMI when PCI bus SERR# is asserted.
SLP#
U25
OD Sleep. Used to put the CPU to sleep.
SMI#
T24
OD System Management Interrupt. SMI# is asserted by the VT8235 to the CPU in response
to different Power-Management events.
STPCLK#
R26
OD Stop Clock. STPCLK# is asserted by the VT8235 to the CPU to throttle the processor
clock.
Note: Connect each of the above signals to 150
Ω pullup resistors to VCC_CMOS (see Design Guide).
CPU Speed Control Interface
Signal Name
Pin # I/O Signal Description
VGATE
/ GPIO8
/ PCREQA
C8
I
Voltage Gate.
Signal from the CPU voltage regulator. High indicates the voltage regulator
output is stable. This pin performs the VGATE function if Device 17 Function 0 Rx53[7] =
0, E5[4] = 1 and E4[3] = 0.
VIDSEL
/ GPIO28
P25
OD Voltage Regulator ID Select. Connected to the CPU voltage regulator. Low selects the
voltage ID from the CPU; high selects a different fixed voltage ID (the lower voltage used
for CPU deep sleep mode). This pin performs the VIDSEL function if Func 0 RxE5[3] = 0.
VRDSLP
/ GPIO29
P24
OD Voltage Regulator Deep Sleep.
Connected to the CPU voltage regulator. High selects
the proper voltage for deep sleep mode.
This pin performs the VRDPSLP function if
Function 0 RxE5[3] = 0.
GHI#
/ GPIO22
R24
OD CPU Speed Select. Connected to the CPU voltage regulator, used to select high speed (L)
or low speed (H). This pin performs the GHI# function if Function 0 RxE5[3] = 0.
DPSLP#
/ GPIO23
P26
OD CPU Deep Sleep.
CPUMISS
/ GPI17
Y1
I
CPU Missing.
Used to detect the physical presence of the CPU chip in its socket. High
indicates no CPU present. Connect to the CPUMISS pin of the CPU socket. The state of
this pin may be read in the SMBus 2 registers. This pin may be used as CPUMISS and
GPI17 at the same time.
AGPBZ#
/ GPI6
A8
I
AGP Busy.
Low indicates that an AGP master cycle is in progress (CPU speed transitions
will be postponed if this input is asserted low). Connected to the AGP Bus AGPBZ# pin.
Summary of Internal Pull-Up / Pull-Down Resistor Implementation
Internal Pullups are present on pins KBCK, KBDT, MSCK, MSDT, SERIRQ, LAD[3:0]
Internal Pulldowns are present on pins SA[19-16] and all LAN pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com