Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 25 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 25 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. VT8235 Datasheet HTML 23Page - VIA Technologies, Inc. VT8235 Datasheet HTML 24Page - VIA Technologies, Inc. VT8235 Datasheet HTML 25Page - VIA Technologies, Inc. VT8235 Datasheet HTML 26Page - VIA Technologies, Inc. VT8235 Datasheet HTML 27Page - VIA Technologies, Inc. VT8235 Datasheet HTML 28Page - VIA Technologies, Inc. VT8235 Datasheet HTML 29Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-19-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Power Management and Event Detection
Signal Name
Pin # I/O Signal Description
PWRBTN#
AD2
I
Power Button.
Used by the Power Management subsystem to monitor an external
system on/off button or switch. Internal logic powered by VSUS33.
SLPBTN#
/ GPIO21
/ ACSDIN3 / PCS1#
V1
I
Sleep Button.
Used by the Power Management subsystem to monitor an external sleep
button or switch. RxE4[6] = 1, 80[6] = 1, E5[2] = 0 and PMIO Rx4C[21] = 1
RSMRST#
AD5
I
Resume Reset.
Resets the internal logic connected to the VSUS33 power plane and
also resets portions of the internal RTC logic. Internal logic powered by VBAT.
EXTSMI#
/ GPI2
AA1 IOD External System Management Interrupt. When enabled to allow it, a falling edge on
this input causes an SMI# to be generated to the CPU to enter SMI mode. (10K PU to
VSUS33 if not used) (3.3V only)
PME#
W3
I
Power Management Event.
(10K PU to VSUS33 if not used)
SMBALRT#
AB2
I
SMB Alert
. When programmed to allow it (SMB I/O Rx8[3]=1), assertion generates
an IRQ, SMI, or power management event. (10K PU to VSUS33 if not used)
LID#
/ GPI4
AC1
I
Notebook Computer Display Lid Open / Closed Monitor.
Used by the Power
Management subsystem to monitor the opening and closing of the display lid of
notebook computers.
Can be used to detect either low-to-high or high-to-low
transitions to generate an SMI#. (10K PU to VSUS33 if not used)
INTRUDER#
/ GPI16
AD3
I
Intrusion Indicator.
The value of this bit may be read at PMIO Rx20[6]
THRM#
/ GPI18
/ AOLGPI
Y4
I
Thermal Alarm Monitor.
Rx8C[3] = 1. Rising or falling edges (selectable by PMIO
Rx2C[6]) may be detected to set status at PMIO Rx20[10]. Setting of this status bit
may then be used to generate an SCI or SMI. THRM# may also be used to enable duty
cycle control of stop-clock (STPCLK#) to automatically limit maximum temperature
(see Device 17 Function 0 Rx8C[7-3]).
RING#
/ GPI3
Y2
I
Ring Indicator.
May be connected to external modem circuitry to allow the system to
be re-activated by a received phone call. (10K PU to VSUS33 if not used)
BATLOW#
/ GPI5
W4
I
Battery Low Indicator.
(10K PU to VSUS33 if not used) (3.3V only)
CPUSTP#
/ GPO5
AC7
O
CPU Clock Stop
(RxE4[0] = 0). Signals the system clock generator to disable the
CPU clock outputs. Not connected if not used.
PCISTP#
/ GPO6
AF6
O
PCI Clock Stop
(RxE4[1] = 0). Signals the system clock generator to disable the PCI
clock outputs. Not connected if not used.
SUSA#
/ GPO1
AA2
O
Suspend Plane A Control
(Rx94[2]=0). Asserted during power management POS,
STR, and STD suspend states. Used to control the primary power plane. (10K PU to
VSUS33 if not used)
SUSB#
/ GPO2
AF2
O
Suspend Plane B Control
(Rx94[3]=0). Asserted during power management STR and
STD suspend states. Used to control the secondary power plane. (10K PU to VSUS33
if not used)
SUSC#
AF1
O
Suspend Plane C Control.
Asserted during power management STD suspend state.
Used to control the tertiary power plane. Also connected to ATX power-on circuitry.
(10K PU to VSUS33 if not used)
SUSST1#
/ GPO3
Y3
O
Suspend Status 1
(Rx94[4] = 0). Typically connected to the North Bridge to provide
information on host clock status. Asserted when the system may stop the host clock,
such as Stop Clock or during POS, STR, or STD suspend states. Connect 10K PU to
VSUS33.
SUSCLK
AB1
O
Suspend Clock.
32.768 KHz output clock for use by the North Bridge (e.g., VT8633
or VT8366) for DRAM refresh purposes. Stopped during Suspend-to-Disk and Soft-
Off modes. Connect 10K PU to VSUS33.
CPUMISS
/ GPI17
Y1
I
CPU Missing.
Used to detect the physical presence of the CPU chip in its socket.
High indicates no CPU present. Connect to the CPUMISS pin of the CPU socket. The
state of this pin may be read in the SMBus 2 registers. This pin may be used as
CPUMISS and GPI17 at the same time.
AOLGPI
/ GPI18
/ THRM#
Y4
I
Alert On LAN.
The state of this pin may be read in the SMBus 2 registers. This pin
may be used as AOLGPI, GPI18 and THRM# all at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com