Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 94 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 94 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-88-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 3B-38 - GP Timer Reload Enable ..................RW
All bits in this register default to 0 on power up.
31-8 Reserved
........................................ always reads 0
7
GP1 Timer Reload on KBC Access
0
Normal GP1 Timer Operation ............... default
1
Setting of KBC_STS causes the GP1 timer to
reload.
6
GP1 Timer Reload on Serial Port Access
0
Normal GP1 Timer Operation .............. default
1
Setting of COMA_STS or COMB_STS causes
the GP1 timer to reload.
5
Reserved
........................................ always reads 0
4
GP1 Timer Reload on VGA Access
0
Normal GP1 Timer Operation .............. default
1
Setting of VGA_STS causes the GP1 timer to
reload.
3
GP1 Timer Reload on IDE/Floppy Access
0
Normal GP1 Timer Operation .............. default
1
Setting
of
FDC_STS,
SIDE_STS,
or
PIDE_STS causes the GP1 timer to reload.
2
GP3 Timer Reload on GPIO Range 1 Access
0
Normal GP3 Timer Operation .............. default
1
Setting of GR1_STS causes the GP3 timer to
reload.
1
GP2 Timer Reload on GPIO Range 0 Access
0
Normal GP2 Timer Operation .............. default
1
Setting of GR0_STS causes the GP2 timer to
reload.
0
GP0 Timer Reload on Primary Activity
0
Normal GP0 Timer Operation .............. default
1
Setting of PACT_STS causes the GP0 timer to
reload. Primary activities are enabled via the
Primary Activity Detect Enable register (offset
37-34) with status recorded in the Primary
Activity Detect Status register (offset 33-30).
I/O Offset 40 – Extended I/O Trap Status ................... RWC
7-5
Reserved
........................................always reads 0
4
BIOS Write Access Status
3
GP3 Timer Second Timeout With No Cycles
0
Disable ................................................... default
1
Enable (GP3 timer timed out twice with no
cycles in between)
2
GP3 Timer Second Timeout Status
1
GPIO Range 3 Access Status
0
GPIO Range 2 Access Status
I/O Offset 42 – Extended I/O Trap Enable..................... RW
7-5
Reserved
........................................always reads 0
4
SMI on BIOS Write Access
This bit controls whether SMI is generated when
BIOS Write Access Status Rx40[4] = 1.
0
Disable ................................................... default
1
Enable (can be reset only by OCI_Reset)
3
Reserved
........................................always reads 0
2
GP3 Timer Second Timeout Reboot
This bit controls whether the system is rebooted
when the GP3 timer times out twice (Rx40[2] = 1).
0
Disable ................................................... default
1
Enable
1
SMI on GPIO Range 3 Access
This bit controls whether SMI is generated when
GPIO range 3 is accessed (Rx40[1] = 1)
0
Disable ................................................... default
1
Enable
0
SMI on GPIO Range 2 Access
This bit controls whether SMI is generated when
GPIO range 2 is accessed (Rx40[0] = 1)
0
Disable ................................................... default
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com