Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 47 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 47 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. VT8235 Datasheet HTML 47Page - VIA Technologies, Inc. VT8235 Datasheet HTML 48Page - VIA Technologies, Inc. VT8235 Datasheet HTML 49Page - VIA Technologies, Inc. VT8235 Datasheet HTML 50Page - VIA Technologies, Inc. VT8235 Datasheet HTML 51Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-41-
Legacy I/O Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
CMOS / RTC I/O Registers
Port 70 - CMOS Address ..................................................RW
7
NMI Disable
......................................................... RW
0
Enable NMI Generation. NMI is asserted on
encountering SERR# on the PCI bus.
1
Disable NMI Generation ....................... default
6-0
CMOS Address
(lower 128 bytes)....................... RW
Port 71 - CMOS Data........................................................RW
7-0
CMOS Data
(128 bytes)
Note:
Ports 70-71 may be accessed if Device 17 Function 0
Rx51 bit-3 is set to one to select the internal RTC. If
Rx51 bit-3 is set to zero, accesses to ports 70-71 will
be directed to an external RTC.
Port 74 - CMOS Address ..................................................RW
7-0
CMOS Address
(256 bytes)................................. RW
Port 75 - CMOS Data........................................................RW
7-0
CMOS Data
(256 bytes)
Note:
Ports 74-75 may be accessed only if Rx4E bit-3 (Port
74/75 Access Enable) is set to one to enable port
74/75 access.
Note:
Ports 70-71 are compatible with PC industry-
standards and may be used to access the lower 128
bytes of the 256-byte on-chip CMOS RAM. Ports 74-
75 may be used to access the full on-chip extended
256-byte space in cases where the on-chip RTC is
disabled.
Note:
The system Real Time Clock (RTC) is part of the
“CMOS” block.
The RTC control registers are
located at specific offsets in the CMOS data area (0-
0Dh and 7D-7Fh). Detailed descriptions of CMOS /
RTC operation and programming can be obtained
from the VIA VT82887 Data Book or numerous
other industry publications.
For reference, the
definition of the RTC register locations and bits are
summarized in the following table:
Offset Description
Binary Range BCD Range
00
Seconds
00-3Bh
00-59h
01
Seconds Alarm
00-3Bh
00-59h
02
Minutes
00-3Bh
00-59h
03
Minutes Alarm
00-3Bh
00-59h
04
Hours
am 12hr: 01-1Ch
01-12h
pm 12hr: 81-8Ch
81-92h
24hr: 00-17h
00-23h
05
Hours Alarm
am 12hr: 01-1Ch
01-12h
pm 12hr: 81-8Ch
81-92h
24hr: 00-17h
00-23h
06
Day of the Week
Sun=1: 01-07h
01-07h
07
Day of the Month
01-1Fh
01-31h
08
Month
01-0Ch
01-12h
09
Year
00-63h
00-99h
0A
Register A
7
UIP
Update In Progress
6-4
DV2-0
Divide (010=ena osc & keep time)
3-0
RS3-0
Rate Select for Periodic Interrupt
0B
Register B
7
SET
Inhibit Update Transfers
6
PIE
Periodic Interrupt Enable
5
AIE
Alarm Interrupt Enable
4
UIE
Update Ended Interrupt Enable
3
SQWE
No function (read/write bit)
2
DM
Data Mode (0=BCD, 1=binary)
1
24/12
Hours Byte Format (0=12, 1=24)
0
DSE
Daylight Savings Enable
0C
Register C
7
IRQF
Interrupt Request Flag
6
PF
Periodic Interrupt Flag
5
AF
Alarm Interrupt Flag
4
UF
Update Ended Flag
3-0
0
Unused (always read 0)
0D
Register D
7
VRT
Reads 1 if VBAT voltage is OK
6-0
0
Unused (always read 0)
0E-7C Software-Defined Storage Registers
(111 Bytes)
Offset Extended Functions
Binary Range BCD Range
7D
Date Alarm
01-1Fh
01-31h
7E
Month Alarm
01-0Ch
01-12h
7F
Century Field
13-14h
19-20h
80-FF Software-Defined Storage Registers
(128 Bytes)
Table 9. CMOS Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com