Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 74 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 74 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. VT8235 Datasheet HTML 73Page - VIA Technologies, Inc. VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. VT8235 Datasheet HTML 75Page - VIA Technologies, Inc. VT8235 Datasheet HTML 76Page - VIA Technologies, Inc. VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-68-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 5A – DMA Bandwidth Control (00h) ...................RW
7
DMA Channel 7 Bandwidth
0
Normal .................................................. default
1
Improved
6
DMA Channel 6 Bandwidth
0
Normal .................................................. default
1
Improved
5
DMA Channel 5 Bandwidth
0
Normal .................................................. default
1
Improved
4
DMA Single Transfer Mode Bandwidth
0
Normal .................................................. default
1
Improved
3
DMA Channel 3 Bandwidth
0
Normal .................................................. default
1
Improved
2
DMA Channel 2 Bandwidth
0
Normal .................................................. default
1
Improved
1
DMA Channel 1 Bandwidth
0
Normal .................................................. default
1
Improved
0
DMA Channel 0 Bandwidth
0
Normal .................................................. default
1
Improved
The above bits determine if DMA bandwidth is improved for
the specified channel. If enabled, bandwidth improvement is
accomplished by reducing the transaction latency between the
DMA Controller and the LPC Bus Controller.
Offset 5B – Miscellaneous Control 2 (01h) ..................... RW
7-4
Reserved
........................................always reads 0
3
Bypass APIC De-Assert Message
0
Disable ................................................... default
1
Enable
2
APIC HyperTransport Mode
0
Disable ................................................... default
1
Enable
1
INTE#, INTF#, INTG#, INTH#
(pins GPIO12-15)
0
Disable ................................................... default
1
Enable
0
Dynamic Clock Stop
0
Disable
1
Enable ................................................... default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com