Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 48 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 48 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. VT8235 Datasheet HTML 47Page - VIA Technologies, Inc. VT8235 Datasheet HTML 48Page - VIA Technologies, Inc. VT8235 Datasheet HTML 49Page - VIA Technologies, Inc. VT8235 Datasheet HTML 50Page - VIA Technologies, Inc. VT8235 Datasheet HTML 51Page - VIA Technologies, Inc. VT8235 Datasheet HTML 52Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-42-
KBC Configuration Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Keyboard / Mouse Wakeup Index / Data Registers
The Keyboard / Mouse Wakeup registers are accessed by
performing I/O operations to / from an index / data pair of
registers in system I/O space at port addresses 2Eh and 2Fh.
The registers accessed using this mechanism are used to
initialize Keyboard / Mouse Wakeup functions at index values
in the range of E0-EF.
Keyboard / Mouse Wakeup initialization is accomplished in
three steps:
1) Enter initialization mode (set Function 0 Rx51[1] = 1)
2) Initialize the chip
a) Write index to port 2Eh
b) Read / write data from / to port 2Fh
c) Repeat a and b for all desired registers
3) Exit initialization mode (set Function 0 Rx51[1] = 0)
Port 2Eh – Keyboard Wakeup Index ..............................RW
7-0
Index Value
Function 0 PCI configuration space register Rx51[1] must be
set to 1 to enable access to the configuration registers.
Port 2Fh – Keyboard Wakeup Data ................................RW
7-0
Data Value
Keyboard / Mouse Wakeup Registers
These registers are accessed via the port 2E / 2F index / data
register pair with Function 0 Rx51[1] = 1 using the indicated
index values below
Index E0 – Keyboard / Mouse Wakeup Enable (08h) ....RW
7-5
Reserved
........................................ always reads 0
4
Reserved (Do Not Program)
.................... default = 0
3
Win98 Keyboard Power Key Wake-up
0
Disable
1
Enable....................................................default
2
Password Wake-up
0
Disable .................................................. default
1
Enable
1
PS/2 Mouse Wake-up
0
Disable .................................................. default
1
Enable
0
Keyboard Wake-up
0
Disable .................................................. default
1
Enable
Index E1 – Keyboard Wakeup Scan Code Set 0 (F0h) .. RW
7-0
Keyboard Wakeup First Scan Code
.........def = F0h
Index E2 – Keyboard Wakeup Scan Code Set 1 (00h) .. RW
7-0
Keyboard Wakeup Second Scan Code
.....def = 00h
Index E3 – Keyboard Wakeup Scan Code Set 2 (00h) .. RW
7-0
Keyboard Wakeup Third Scan Code
........def = 00h
Index E4 – Keyboard Wakeup Scan Code Set 3 (00h) .. RW
7-0
Keyboard Wakeup Fourth Scan Code
......def = 00h
Index E5 – Keyboard Wakeup Scan Code Set 4 (00h) .. RW
7-0
Keyboard Wakeup Fifth Scan Code
.........def = 00h
Index E6 – Keyboard Wakeup Scan Code Set 5 (00h) .. RW
7-0
Keyboard Wakeup Sixth Scan Code
.........def = 00h
Index E7 – Keyboard Wakeup Scan Code Set 6 (00h) .. RW
7-0
Keyboard Wakeup Seventh Scan Code
....def = 00h
Index E8 – Keyboard Wakeup Scan Code Set 7 (00h) .. RW
7-0
Keyboard Wakeup Eighth Scan Code
......def = 00h
Index E9 –Mouse Wakeup Scan Code Set 1 (09h) ......... RW
7-0
Mouse Wakeup Scan Code Set 1
...............def = 09h
Index EA –Mouse Wakeup Scan Code Set 2(00h) ......... RW
7-0
Mouse Wakeup Scan Code Set 2
...............def = 00h
Index EB –Mouse Wakeup Scan Code Mask (00h) ....... RW
7-0
Mouse Wakeup Scan Code Mask
..............def = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com