Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 37 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 37 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-31-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 17 Function 1 Registers – IDE Controller
Configuration Space IDE Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
0571
RO
5-4
Command
0080
RO
7-6
Status
0290
RW
8
Revision ID
nn
RO
9
Programming Interface
85
RW
A
Sub Class Code
01
RO
B
Base Class Code
01
RO
C-F
-reserved-
00
—
13-10 Base Address – Pri Data / Command
000001F1 RW
17-14 Base Address – Pri Control / Status
000003F5 RW
1B-18 Base Address – Sec Data / Command
00000171 RW
1F-1C Base Address – Sec Control / Status
00000375 RW
23-20 Base Address – Bus Master Control
0000CC01 RW
24-2B -reserved- (unassigned)
00
—
2D-2C Sub Vendor ID
0000
RO
2F-2E Sub Device ID
0000
RO
30-33 -reserved- (expan ROM base addr)
00
—
34
Capability Pointer
C0
RO
35-3B -reserved- (unassigned)
00
—
3C
Interrupt Line
0E
RO
3D
Interrupt Pin
00
RO
3E
Minimum Grant
00
RO
3F
Maximum Latency
00
RO
Configuration Space IDE-Specific Registers
Offset Configuration Space IDE Registers
Default
Acc
40
IDE Chip Enable
00
RW
41
IDE Configuration I
00
RW
42
IDE Configuration II
00
RW
43
IDE FIFO Configuration
0A
RW
44
IDE Miscellaneous Control 1
08
RW
45
IDE Miscellaneous Control 2
10
RW
46
IDE Miscellaneous Control 3
C0
RW
4B-48 IDE Drive Timing Control
A8A8A8A8
RW
4C
IDE Address Setup Time
FF
RW
4D
-reserved- (do not program)
00
RW
4E
Sec Non-1F0 Port Access Timing
B6
RW
4F
Pri Non-1F0 Port Access Timing
B6
RW
Configuration Space IDE-Specific Registers (continued)
Offset Configuration Space IDE Registers
Default
Acc
53-50 UltraDMA Extended Timing Control
07070707 RW
54
UltraDMA FIFO Control
04
RW
55
IDE Clock Gating
00
RW
56-5F -reserved-
00
—
61-60 IDE Primary Sector Size
0200
RW
62-67 -reserved-
00
—
69-68 IDE Secondary Sector Size
0200
RW
69-6F -reserved-
00
—
70
IDE Primary Status
00
RW
71
IDE Primary Interrupt Control
01
RW
72-77 -reserved-
00
—
78
IDE Secondary Status
00
RW
79
IDE Secondary Interrupt Control
01
RW
7A-7F -reserved-
00
—
83-80 IDE Primary S/G Descriptor Address
0000 0000 RW
84-87 -reserved-
00
—
8B-88 IDE Secondary S/G Descriptor Addr
0000 0000 RW
8C-BF -reserved-
00
—
C3-C0 Power Management Capabilities
0002 0001 RO
C7-C4 Power State
0000 0000 RW
C8-CF -reserved-
00
—
Offset IDE Back Door Registers
Default
Acc
D0
Back Door – Revision ID
06
RW
D1
-reserved-
00
—
D3-D2 Back Door – Device ID
0571
RW
D5-D4 Back Door – Sub Vender ID
0000
RW
D7-D6 Back Door – Sub Device ID
0000
RW
D8-F5 -reserved-
00
—
F6
IDE New Revision ID
07
RO
F7-FF -reserved-
00
—
I/O Registers – IDE Controller (SFF 8038 v1.0 Compliant
Offset IDE I/O Registers
Default
Acc
0
Primary Channel Command
00
RW
1
-reserved-
00
—
2
Primary Channel Status
00
WC
3
-reserved-
00
—
4-7
Primary Channel PRD Table Addr
00
RW
8
Secondary Channel Command
00
RW
9
-reserved-
00
—
A
Secondary Channel Status
00
WC
B
-reserved-
00
—
C-F
Secondary Channel PRD Table Addr
00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com