Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 81 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 81 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-75-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 8B-88 – Power Management I/O Base..................RW
31-16 Reserved
........................................ always reads 0
15-7 Power Management I/O Register Base Address
Port Address for the base of the 128-byte Power
Management I/O Register block, corresponding to
AD[15:7].
See “Power Management I/O Space
Registers” in this document for definitions of the
registers in the Power Management I/O Register
Block
6-0
0000001b
Offset 8C – Host Bus Power Management Control........RW
7-4
Thermal Duty Cycle
This field determines the duty cycle of STPCLK#
when the THRM# pin is asserted. The duty cycle
indicates the percentage of performance (the lower
the percentage, the lower the performance and the
higher the power savings). The STPCLK# duty cycle
when THRM# is NOT asserted is controlled by
PMIO Rx10[3:0]. If the setting in that field is lower
than the setting in this field, the lower setting will be
used for thermal duty cycle.
0000 Reserved ................................................ default
0001 0-6.25%
0010 6.25-12.50%
0011 18.75-25.00%
0100 31.25-37.50%
0101 37.50-43.75%
0110 43.75-50.00%
0111 50.00-56.25%
1000 56.25-62.50%
1001 62.50-68.75%
1010 68.75-75.00%
1011 75.00-87.50%
1100 75.00-81.25%
1101 81.25-87.50%
1110 87.50-93.75%
1111 93.75-100%
3
THRM Enable
0
Disable .................................................. default
1
Enable
2
Processor Break Event
0
Disable .................................................. default
1
Enable
1-0
Reserved
........................................ always reads 0
Offset 8D – Throttle / Clock Stop Control...................... RW
7
Throttle Timer Reset
......................................def = 0
6-5
Throttle Timer
This field determines the number of bits used for the
throttle timer, which in conjunction with the throttle
timer tick determines the cycle time of STPCLK#.
For example, if a 2-bit timer and a 7.5 usec timer tick
are selected, the STPCLK# cycle time would be 30
usec (2**2 x 7.5). If a 4-bit timer and a 7.5 usec
timer tick is selected, the cycle time would be 120
usec (2**4 x 7.5).
0x 4-Bit .................................................... default
10 3-Bit
11 2-Bit
4
Fast Clock (7.5us) as Throttle Timer Tick
This bit controls whether the throttle timer tick uses
7.5 usec as its time base (120 usec cycle time when
using a 4-bit timer).
0
Timer Tick is selected by Rx80[1] ........ default
1
Timer Tick is 7.5 usec (Rx80[1] is ignored)
3
SMI Level Output (Low)
0
Disable ................................................... default
1
Enable (during an SMI event, SMI# is held
low until SMI event status is cleared)
2
Internal Clock Stop for PCI Idle
This bit controls whether the internal PCI clock is
stopped when PCKRUN# is high.
0
PCI clock is not stopped ........................ default
1
PCI clock is stopped
1
Internal Clock Stop During C3
This bit controls whether the internal PCI clock is
stopped during C3 state.
0
PCI clock is not stopped ........................ default
1
PCI clock is stopped
0
Internal Clock Stop During Suspend
This bit controls whether the internal PCI clock is
stopped during Suspend state.
0
PCI clock is not stopped ........................ default
1
PCI clock is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com