Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 41 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 41 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-35-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Space LAN Registers
Offset Power Management
Default
Acc
5-0
Ethernet Address
RW
6
Receive Control
00
RW
7
Transmit Control
08
RW
8
Command 0
00
RW
9
Command 1
00
RW
A-B -reserved-
00
—
C
Interrupt Status 0
00
RW
D
Interrupt Status 1
00
RW
E
Interrupt Mask 0
00
RW
F
Interrupt Mask 1
00
RW
17-10 Multicast Address
RW
1B-18 Receive Address
RW
1F-1C Transmit Address
RW
23-20 Receive Status
0000 0000 RW
27-24 Receive Data Buffer Control
0000 0000 RO
2B-28 Receive Data Buffer Start Address
RO
2F-2C Receive Data Buffer Branch Address
RO
30-3F -reserved-
00
—
43-40 Transmit Status
0000 0000 RW
47-44 Transmit Data Buffer Control
0000 0000 RO
4B-48 Transmit Data Buffer Start Address
RO
4F-4C Transmit Data Buffer Branch Addr
RO
50-6B -reserved-
00
—
6C
PHY Address
01
RW
6D
MII Status
13
RW
6E
Buffer Control 0
00
RW
6F
Buffer Control 1
00
RW
70
MII Management Port Command
00
RW
71
MII Management Port Address
81
RW
73-72 PHY Data
0000
RW
74
EEPROM Command / Status
00
RW
75-77 -reserved-
00
—
78
EEPROM Control
00
RW
I/O Space LAN Registers (continued)
Offset Power Management
Default
Acc
79
Configuration 1
00
RW
7A
Configuration 2
00
RW
7B
Configuration 3
00
RW
7C-7F -reserved-
00
—
80
Miscellaneous 1
00
RW
81
Miscellaneous 2
00
RW
82
-reserved-
00
—
83
Sticky Hardware Control
00
RW
84
MII Interrupt Status
00
WC
85
-reserved-
00
—
86
MII Interrupt Mask
00
RW
87-8B -reserved-
00
—
8D-8C Flash Address
0000
RW
8E
-reserved-
00
—
8F
Flash Write Data Output
00
RW
90
Flash Read / Write Command
00
RW
91
Flash Write Data Input
00
RO
92
-reserved-
00
—
93
Flash Checksum
00
RW
95-94 Suspend Mode MII Address
0000
RW
96
Suspend Mode PHY Address
00
RW
97
-reserved-
00
—
99-98 Pause Timer
0000
RW
9A
Pause Status
00
RW
9B
-reserved-
00
—
9D-9C Soft Timer 0
0000
RW
9F-9E Soft Timer 1
0000
RW
A0/A4 Wake On LAN Control Set / Clear
00 / 00
RW
A1/A5 Power Configuration Set / Clear
00 / 00
RW
A2/A6 -reserved- (do not program)
00 / 00
—
A3/A7 Wake On LAN Config Set / Clear
00 / 00
RW
A8-AF -reserved-
00
—
B3-B0 Pattern CRC 0
0000 0000 RW
B7-B4 Pattern CRC 1
0000 0000 RW
BB-B8 Pattern CRC 2
0000 0000 RW
BF-BC Pattern CRC 3
0000 0000 RW
CF-C0 Byte Mask 0
0000 0000 RW
DF-D0 Byte Mask 1
0000 0000 RW
EF-E0 Byte Mask 2
0000 0000 RW
FF-F0 Byte Mask 3
0000 0000 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com