Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 66 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 66 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 62Page - VIA Technologies, Inc. VT8235 Datasheet HTML 63Page - VIA Technologies, Inc. VT8235 Datasheet HTML 64Page - VIA Technologies, Inc. VT8235 Datasheet HTML 65Page - VIA Technologies, Inc. VT8235 Datasheet HTML 66Page - VIA Technologies, Inc. VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-60-
Device 16 Function 3 USB 2.0 EHCI Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
EHCI USB 2.0 I/O Registers
These registers are compliant with the EHCI v1.0 standard.
Refer to the EHCI v1.0 specification for further details.
EHCI Capabilities
I/O Offset 0 - Capability Register Length (10h)
I/O Offset 3-2 - Interface Version Number (0100h) ......RO†
I/O Offset 7-4 – Structure Parameters (0000 3206h) ....RO†
I/O Offset B-8 – Capability Parameters (0000 6872h) .RO†
† RW if Rx42[4] = 1.
Host Controller Operations
I/O Offset 13-10 - USB Command
I/O Offset 17-14 - USB Status
I/O Offset 1B-18 - USB Interrupt Enable
I/O Offset 1F-1C - USB Frame Index
I/O Offset 23-20 - 4G Segment Selector
I/O Offset 27-24 - Frame List Base Address
I/O Offset 2B-28 - Next Asynchronous List Address
I/O Offset 53-50 - Configured Flags
I/O Offset 57-54 - Port 0 Status / Control
I/O Offset 5B-58 - Port 1 Status / Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com