Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 24 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 24 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. VT8235 Datasheet HTML 23Page - VIA Technologies, Inc. VT8235 Datasheet HTML 24Page - VIA Technologies, Inc. VT8235 Datasheet HTML 25Page - VIA Technologies, Inc. VT8235 Datasheet HTML 26Page - VIA Technologies, Inc. VT8235 Datasheet HTML 27Page - VIA Technologies, Inc. VT8235 Datasheet HTML 28Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-18-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
General Purpose I/O
Signal Name
Pin #
I/O
Signal Description
GPIOA
/ GPI24 / GPO24
AE5
IO
General Purpose I/O A / 24.
RxE6[0] = 1
GPIOC
/ GPI25 / GPO25
AE6
IO
General Purpose I/O C / 25.
GPIOD
/ GPI30 / GPO30
AD6
IO
General Purpose I/O D / 30.
GPIOE
/ GPI31 / GPO31
AC6
IO
General Purpose I/O E / 31.
The output type of the above pins may be selected as either OD or TTL (see Device 17 Function 0 RxE7)
General Purpose Outputs
Signal Name
Pin #
I/O
Signal Description
GPO0
(VSUS33)
AA3
OD
General Purpose Output 0.
GPO1
/ SUSA#
(VSUS33)
AA2
O
General Purpose Output 1.
Rx94[2] = 1
GPO2
/ SUSB#
(VSUS33)
AF2
O
General Purpose Output 2.
Rx94[3] = 1
GPO3
/ SUSST1#
(VSUS33)
Y3
O
General Purpose Output 3.
Rx94[4] = 1
GPO4
/ SUSCLK
(VSUS33)
AB1
O
General Purpose Output 4.
Rx95[1] = 1
GPO5
/ CPUSTP#
AC7
O
General Purpose Output 5.
RxE4[0] = 1
GPO6
/ PCISTP#
AF6
O
General Purpose Output 6.
RxE4[1] = 1
GPO7
/GNT5#
P4
O
General Purpose Output 7.
RxE4[2] = 0
GPO8
/ GPI8 / PCREQA / VGATE
C8
O
General Purpose Output 8.
RxE4[3]=1, E5[4]=0, 53[7]=0
GPO9
/ GPI9 / PCREQB
B7
O
General Purpose Output 9.
RxE4[3]=1, 53[7]=0
GPO10
/ GPI10
D7
O
General Purpose Output 10.
RxE4[3]=1
GPO11
/ GPI11
A6
O
General Purpose Output 11.
RxE4[3]=1
GPO12
/ GPI12 / INTE# / PCGNTA
A7
O
General Purpose Output 12.
RxE4[4]=1, 5B[1]=0, 53[7]=0
GPO13
/ GPI13 / INTF# / PCGNTB
B8
O
General Purpose Output 13.
RxE4[4]=1, 5B[1]=0, 53[7]=0
GPO14
/ GPI14 / INTG#
D8
O
General Purpose Output 14.
RxE4[4]=1, 5B[1]=0
GPO15
/ GPI15 / INTH#
C7
O
General Purpose Output 15.
RxE4[4]=1, 5B[1]=0
GPO16
/ SA16 / strap
AF11
O
General Purpose Output 16.
RxE4[5] = 1
GPO17
/ SA17 / strap
AE11
O
General Purpose Output 17.
RxE4[5] = 1
GPO18
/ SA18 / strap
AD11
O
General Purpose Output 18.
RxE4[5] = 1
GPO19
/ SA19 / strap
AC11
O
General Purpose Output 19.
RxE4[5] = 1
GPO20
/ GPI20 / ACSDIN2 / PCS0#
U2
OD
General Purpose Output 20.
RxE4[6]=1, E5[1]=0
GPO21
/ GPI21 / ACSDIN3 / PCS1# /SLPBTN#
V1
OD
General Purpose Output 21.
RxE4[6]=1, E5[2]=0
GPO22
/ GPI22 / GHI#
R24
OD
General Purpose Output 22.
RxE5[3]=1, PMIO 4C[22]=1
GPO23
/ GPI23 / DPSLP#
P26
OD
General Purpose Output 23.
RxE5[3]=1, PMIO 4C[23]=1
GPO24
/ GPI24 / GPIOA
AE5
O/OD General Purpose Output 24. RxE6[0] = 1
GPO25
/ GPI25 / GPIOC
AE6
O/OD General Purpose Output 25. RxE6[1] = 1
GPO26
/ GPI26 / SMBDT2
(VSUS33†)
AD1
OD
General Purpose Output 26.
Rx95[2] = 1, 95[3] = 1
GPO27
/ GPI27 / SMBCK2
(VSUS33†)
AE1
OD
General Purpose Output 27.
Rx95[2] = 1, 95[3] = 1
GPO28
/ GPI28 / VIDSEL
P25
OD
General Purpose Output 28.
RxE5[3] = 1, PMIO 4C[28]=1
GPO29
/ GPI29 / VRDSLP
P24
OD
General Purpose Output 29.
RxE5[3] = 1, PMIO 4C[29]=1
GPO30
/ GPI30 / GPIOD
AD6
O/OD General Purpose Output 30. RxE6[6] = 1
GPO31
/ GPI31 / GPIOE
AC6
O/OD General Purpose Output 31. RxE6[7] = 1
Note: The output state for each of the above general purpose outputs is selectable via Power Management I/O registers Rx4C-48
Note: The output types of GPO24-25 and 30-31 are selectable OD vs TTL (see Function 0 RxE7)
Note: Default pin functions are underlined in the table above.
† The suspend voltage is only used for maintaining the operation of the SMB function on thses pins (Device 17 Function 0
Rx95[3] = 0). If VCC power is lost, the GPIO function of these pins and the state of PMIO Rx4C[27:26} (which determines the
GPO output level) will be lost also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com