Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 18 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 18 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 14Page - VIA Technologies, Inc. VT8235 Datasheet HTML 15Page - VIA Technologies, Inc. VT8235 Datasheet HTML 16Page - VIA Technologies, Inc. VT8235 Datasheet HTML 17Page - VIA Technologies, Inc. VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-12-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
LAN Controller - Media Independent Interface (MII)
Signal Name
Pin #
I/O
PU Signal Description
MCOL
C13
I
PD MII Collision Detect. From the external PHY.
MCRS
B13
I
PD MII Carrier Sense. Asserted by the external PHY when the media is
active.
MDCK
C9
O
PD MII Management Data Clock. Sent to the external PHY as a timing
reference for MDIO
MDIO
B9
IO
PD MII Management Data I/O. Read from the MDI bit or written to the
MDO bit.
MRXCLK
B10
I
PD MII Receive Clock. 2.5 or 25 MHz clock recovered by the PHY.
MRXD[3-0]
A9, D9, D10, E10
I
PD MII Receive Data. Parallel receive data lines driven by the external
PHY synchronous with MRXCLK.
MRXDV
C10
I
PD MII Receive Data Valid.
MRXERR
A10
I
PD MII Receive Error.
Asserted by the PHY when it detects a data
decoding error.
MTXCLK
A12
I
PD MII Transmit Clock. Always active 2.5 or 25 MHz clock supplied by
the PHY.
MTXD[3-0]
C11, B11, A11, C12
O
PD MII Transmit Data.
Parallel transmit data lines synchronized to
MTXCLK.
MTXENA
B12
O
PD MII Transmit Enable. Signals that transmit is active from the MII
port to the PHY.
MIIVCC
D11, D12, E11, E12
Power
MII Interface Power.
3.3V ±5%.
MIIVCC25
D13, E13
Power
MII Suspend Power.
2.5V ±5%.
RAMVCC
E7
Power
Power For Internal LAN RAM.
2.5V ±5%.
RAMGND
E8
Power
Ground For Internal LAN RAM.
Serial EEPROM Interface
Signal Name
Pin #
I/O
PU Signal Description
EECS#
A13
O
Serial EEPROM Chip Select.
EECK
C14
O
Serial EEPROM Clock.
EEDO
A14
O
Serial EEPROM Data Output.
EEDI
B14
I
Serial EEPROM Data Input.
These pins are disabled if the SDCS1# pin is strapped low to enable serial EEPROM connection via the MII interface.
Low Pin Count (LPC) Interface
Signal Name
Pin #
I/O
PU Signal Description
LFRM#
AE7
IO
LPC Frame.
LREQ#
AD7
IO
LPC DMA / Bus Master Request.
LAD[3-0]
AF7, AD8, AE8, AF8
IO
PU LPC Address / Data.
Note: Connect the LPC interface LPCRST# (LPC Reset) signal to PCIRST#
PC / PCI DMA
Signal Name
Pin #
I/O
PU Signal Description
PCREQA
/ GPIO8 / VGATE
C8
I
PC / PCI Request A.
Device 17 Function 0 Rx53[7] = 1
PCREQB
/ GPIO9
B7
I
PC / PCI Request B.
Device 17 Function 0 Rx53[7] = 1
PCGNTA
/ GPIO12
A7
O
PC / PCI Grant A.
Device 17 Function 0 Rx53[7] = 1
PCGNTB
/ GPIO13
B8
O
PC / PCI Grant B.
Device 17 Function 0 Rx53[7] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com