Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 93 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 93 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-87-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 33-30 - Primary Activity Detect Status.......RWC
These bits correspond to the Primary Activity Detect Enable
bits in Rx37-34. If the corresponding bit is set in that register,
setting of a bit below will cause the Primary Activity Status
(PACT_STS) bit to be set (Global Status register Rx28[0]).
All bits in this register default to 0, are set by hardware only,
and may only be cleared by writing 1s to the desired bit.
31-11 Reserved
..........................................always read 0
10
Audio Access Status .............................. (AUD_STS)
Set if Audio is accessed.
9
Keyboard Controller Access Status..... (KBC_STS)
Set if the KBC is accessed via I/O port 60h.
8
VGA Access Status................................ (VGA_STS)
Set if the VGA port is accessed via I/O ports 3B0-
3DFh or memory space A0000-BFFFFh.
7
Parallel Port Access Status.................... (LPT_STS)
Set if the parallel port is accessed via I/O ports 278-
27Fh or 378-37Fh (LPT2 or LPT1).
6
Serial Port B Access Status .............. (COMB_STS)
Set if the serial port is accessed via I/O ports 2F8-
2FFh or 2E8-2Efh (COM2 and COM4 respectively).
5
Serial Port A Access Status .............. (COMA_STS)
Set if the serial port is accessed via I/O ports 3F8-
3FFh or 3E8-3EFh (COM1 and COM3, respectively).
4
Floppy Access Status..............................(FDC_STS)
Set if the floppy controller is accessed via I/O ports
3F0-3F5h or 3F7h.
3
Secondary IDE Access Status...............(SIDE_STS)
Set if the IDE controller is accessed via I/O ports
170-177h or 376h.
2
Primary IDE Access Status ................. (PIDE_STS)
Set if the IDE controller is accessed via I/O ports
1F0-1F7h or 3F6h.
1
Primary Interrupt Activity Status ...... (PIRQ_STS)
Set on the occurrence of a primary interrupt (enabled
via the "Primary Interrupt Channel" register at
Function 4 PCI configuration register offset 44h).
0
PCI Master Access Status..................... (DRQ_STS)
Set on the occurrence of PCI master activity.
Note: Setting of Primary Activity Status (PACT_STS) may be
done to enable a "Primary Activity Event": an SMI will be
generated if the Primary Activity Enable bit is set (Global
Enable register Rx2A[0]) and/or the GP0 timer will be
reloaded if the "GP0 Timer Reload on Primary Activity" bit is
set (GP Timer Reload Enable register Rx38[0]).
Note: Bits 2-9 above also correspond to bits of GP Timer
Reload Enable register Rx38: If bits are set in that register,
setting a corresponding bit in this register will cause the GP1
timer to be reloaded.
I/O Offset 37-34 - Primary Activity Detect Enable ........ RW
These bits correspond to the Primary Activity Detect Status
bits in Rx33-30.
Setting of any of these bits also sets the
Primary Activity Status (PACT_STS) bit (Rx28[0]) which
causes the GP0 timer to be reloaded (if the Primary Activity
GP0 Enable bit is set) or generates an SMI (if Primary
Activity Enable is set).
31-11 Reserved
......................................... always read 0
10
SMI on Audio Status .............................. (AUD_EN)
0
Don’t set PACT_STS if AUD_STS is set .... def
1
Set PACT_STS if AUD_STS is set
9
SMI on Keyboard Controller Status..... (KBC_EN)
0
Don’t set PACT_STS if KBC_STS is set..... def
1
Set PACT_STS if KBC_STS is set
8
SMI on VGA Status................................ (VGA_EN)
0
Don’t set PACT_STS if VGA_STS is set .... def
1
Set PACT_STS if VGA_STS is set
7
SMI on Parallel Port Status.................... (LPT_EN)
0
Don’t set PACT_STS if LPT_STS is set...... def
1
Set PACT_STS if LPT_STS is set
6
SMI on Serial Port B Status .............. (COMB_EN)
0
Don’t set PACT_STS if COMB_STS is set . def
1
Set PACT_STS if COMB_STS is set
5
SMI on Serial Port A Status .............. (COMA_EN)
0
Don’t set PACT_STS if COMA_STS is set . def
1
Set PACT_STS if COMA_STS is set
4
SMI on Floppy Status..............................(FDC_EN)
0
Don’t set PACT_STS if FDC_STS is set ..... def
1
Set PACT_STS if FDC_STS is set
3
SMI on Secondary IDE Status...............(SIDE_EN)
0
Don’t set PACT_STS if SIDE_STS is set .... def
1
Set PACT_STS if SIDE_STS is set
2
SMI on PrimaryIDE Status .................. (PIDE_EN)
0
Don’t set PACT_STS if PIDE_STS is set .... def
1
Set PACT_STS if PIDE_STS is set
1
SMI on Primary IRQ Status................. (PIRQ_EN)
0
Don’t set PACT_STS if PIRQ_STS is set.... def
1
Set PACT_STS if PIRQ_STS is set
0
SMI on PCI Master Status..................... (DRQ_EN)
0
Don’t set PACT_STS if DRQ_STS is set .... def
1
Set PACT_STS if DRQ_STS is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com