Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 107 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 107 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. VT8235 Datasheet HTML 107Page - VIA Technologies, Inc. VT8235 Datasheet HTML 108Page - VIA Technologies, Inc. VT8235 Datasheet HTML 109Page - VIA Technologies, Inc. VT8235 Datasheet HTML 110Page - VIA Technologies, Inc. VT8235 Datasheet HTML 111Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-101-
Device 17 Function 5 Audio Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Audio-Specific PCI Configuration Registers
Offset 40 – AC Link Interface Status .............................. RO
7-6
Reserved
........................................ always reads 0
5
Codec CID=11b Ready Status............................ RO
0
Codec Not Ready
1
Codec Ready (audio ctrlr can access codec)
4
Codec CID=10b Ready Status............................ RO
0
Codec Not Ready
1
Codec Ready (audio ctrlr can access codec)
3
Reserved
........................................ always reads 0
2
Codec CID=01b Ready Status............................ RO
0
Codec Not Ready
1
Codec Ready (audio ctrlr can access codec)
1
AC97 Low-Power Status .................................... RO
0
AC97 Codecs not in low-power mode
1
AC97 Codecs in low-power mode
This bit reports 1 when Rx26[4] of the codecs
is 1. It is used to determine whether the bit-
clock should be gated.
0
Codec CID=00b Ready Status............................ RO
0
Codec Not Ready
1
Codec Ready (audio ctrlr can access codec)
Offset 41 – AC Link Interface Control ........................... RW
7
AC-Link Interface
0
Disable ................................................... default
1
Enable
6
AC-Link Reset
0Assert AC-Link Reset (used for cold reset).......... def
1De-assert AC-Link Reset
5
AC-Link Sync
0
Release SYNC ....................................... default
1
Force SYNC High (used for warm reset)
4
AC-Link Serial Data Out
0
Release SDO.......................................... default
1
Force SDO High
3
Variable-Sample-Rate On-Demand Mode
0
Disable (AC Link sends data every frame).. def
1
Enable (AC Link sends data only when there is
a request from the codec)
2
3D Audio Channel Slots 3/4
0
Disable ................................................... default
1
Enable
Note that slots 7/8 and 6/9 do not have to be selected
as they are not muxed with DXS as are slots 3/4)
1-0
Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com