Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 110 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 110 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. VT8235 Datasheet HTML 107Page - VIA Technologies, Inc. VT8235 Datasheet HTML 108Page - VIA Technologies, Inc. VT8235 Datasheet HTML 109Page - VIA Technologies, Inc. VT8235 Datasheet HTML 110Page - VIA Technologies, Inc. VT8235 Datasheet HTML 111Page - VIA Technologies, Inc. VT8235 Datasheet HTML 112Page - VIA Technologies, Inc. VT8235 Datasheet HTML 113Page - VIA Technologies, Inc. VT8235 Datasheet HTML 114Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-104-
Device 17 Function 5 Audio Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset x2 – DXS Left Channel x Volume (3Fh)........RW
I/O Offset x3 – DXS Right Channel x Volume (3Fh) .....RW
7-6
Reserved (Do Not Program)
............always write 0’s
5-0
Volume Control
000000 0 db
…
…
000111 -10.5 db
…
…
011111 -46.5 db
…
…
111111 Muted (instead of -94.5 db) .............. default
I/O Offset x7-x4 – DXS Chan x SGD Table Ptr Base.....RW
31-0 SGD Table Pointer Base Address (even addr).... W
Current Pointer Address ........................................R
I/O Offset xB-x8 – StopIndex / DataType / SampleRate RW
31-24 SGD Stop Index Setting
....................... default = FFh
23-22 Reserved
........................................ always reads 0
21-20 PCM Format
Selects the format used by the controller to process
the incoming sample.
00 8-bit Mono............................................. default
01 8-bit Stereo
10 16-bit Mono
11 16-bit Stereo
19-0 Sample Rate
.........................default = FFFFFh (48K)
This field allows the sample rate converter to know
the sample rate of an incoming sample so the
converter can properly convert the sample into the
required 48 KHz sample output. Program as (2
20 /
48.000) * Sample Rate
I/O Offset xF-xC – DXS Chan x SGD Current Count.... RO
31-24 Current SGD Index
This field reports the index the SGD engine is
currently processing.
23-0 Current SGD Count
This field reports the count remaining in the current
entry being processed. For example, if 10 bytes of a
30-byte count have been transferred, this field would
read 20 to indicate 20 bytes remaining.
Audio SGD Table Format
63
62
61-56
55-32
31-0
EOL FLAG -reserved-
Base
Base
Count
Address
[23:0]
[31:0]
EOL
End Of Link. 1 indicates this block is the last of the
link.
If the channel “Interrupt on EOL” bit is set,
then an interrupt is generated at the end of the
transfer.
FLAG
Block Flag. If set, transfer pauses at the end of this
block. If the channel “Interrupt on FLAG” bit is set,
then an interrupt is generated at the end of this block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com