Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 112 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 112 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 108Page - VIA Technologies, Inc. VT8235 Datasheet HTML 109Page - VIA Technologies, Inc. VT8235 Datasheet HTML 110Page - VIA Technologies, Inc. VT8235 Datasheet HTML 111Page - VIA Technologies, Inc. VT8235 Datasheet HTML 112Page - VIA Technologies, Inc. VT8235 Datasheet HTML 113Page - VIA Technologies, Inc. VT8235 Datasheet HTML 114Page - VIA Technologies, Inc. VT8235 Datasheet HTML 115Page - VIA Technologies, Inc. VT8235 Datasheet HTML 116Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-106-
Device 17 Function 5 Audio Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 42 – Multichannel SGD Format .....................RW
7
PCM Format
Selects the PCM format used by the controller to
process the incoming sample.
0
8-bit
.................................................... default
1
16-bit
6-4
Number of Channels Supported
000 -reserved-............................................... default
001 One Channel
010 Two Channels
011 Three Channels
100 Four Channels
101 Five Channels
110 Six Channels
111 -reserved-
3-0
Reserved
........................................ always reads 0
I/O Offset 43 – Multichannel Scratch Register...............RW
7-0
No Hardware Function
........................ default = 00h
I/O Offset 47-44 – Multichannel SGD Table Ptr Base ...RW
31-0 SGD Table Pointer Base Address (even addr).... W
Current Pointer Address ........................................R
I/O Offset 4B-48 – Multichannel SGD Slot Select.......... RW
31-24 SGD Stop Index Setting
...................... default = FFh
23-20 Data Select of Slot 9
0
No data assigned to slot 9 ...................... default
1
1
st data in sample assigned to slot 9
2
2
nd data in sample assigned to slot 9
3
3
rd data in sample assigned to slot 9
4
4
th data in sample assigned to slot 9
5
5
th data in sample assigned to slot 9
6
6
th data in sample assigned to slot 9
7-F -reserved
19-16 Data Select of Slot 6
15-12 Data Select of Slot 8
11-8 Data Select of Slot 7
7-4
Data Select of Slot 4
3-0
Data Select of Slot 3
I/O Offset 4F-4C – Multichannel SGD Current Count .. RO
31-24 Current SGD Index
This field reports the index the SGD engine is
currently processing.
23-0 Current SGD Count
This field reports the count remaining in the current
entry being processed. For example, if 10 bytes of a
30-byte count have been transferred, this field would
read 20 to indicate 20 bytes remaining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com