Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 113 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 113 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 109Page - VIA Technologies, Inc. VT8235 Datasheet HTML 110Page - VIA Technologies, Inc. VT8235 Datasheet HTML 111Page - VIA Technologies, Inc. VT8235 Datasheet HTML 112Page - VIA Technologies, Inc. VT8235 Datasheet HTML 113Page - VIA Technologies, Inc. VT8235 Datasheet HTML 114Page - VIA Technologies, Inc. VT8235 Datasheet HTML 115Page - VIA Technologies, Inc. VT8235 Datasheet HTML 116Page - VIA Technologies, Inc. VT8235 Datasheet HTML 117Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-107-
Device 17 Function 5 Audio Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Write Channel 0 SGD Registers
I/O Offset 60 – Write Channel 0 SGD Status...............RWC
7
SGD Active ......................................................... RO
0
SGD has completed or been terminated default
1
SGD Active
6
SGD Paused ......................................................... RO
0
SGD not paused..................................... default
1
SGD Paused
5
Reserved
........................................ always reads 0
4
Current SGD Index Equals Stop Index ............ RO
0
SGD index not equal to stop index........ default
1
SGD index being processed equals the stop
index.
This bit differs from bit-2 of this
register in that this bit becomes 1 as soon as
the SGD reaches the index equal to the stop
index. Bit-2 becomes 1 after the SGD finishes
processing the index equal to the stop index.
So this bit will always turn on before bit-2.
3
SGD Trigger Queued .......................................... RO
This bit reports whether the trigger used to restart the
SGD operation is queued (I/O Offset 61[1] = 1 while
the SGD engine is running).
0
SGD trigger not queued......................... default
1
SGD trigger queued (when SGD reaches EOL,
it will restart).
2
SGD Stop Interrupt Status..............................RWC
1
SGD finished the index equal to the stop index
set in 6B-68[31-24].
1
SGD EOL (End Of Link).................................RWC
1
Block is the last of the link. May be used by
software as a signal to generate an interrupt
request if I/O Offset 61[1] = 1.
0
SGD Flag
......................................................RWC
1
Block complete. May be used by software as a
signal to generate an interrupt request if I/O
Offset 61[0] = 1.
I/O Offset 61 – Write Channel 0 SGD Control .............. RW
7
SGD Start
............................WO (always reads 0)
0
No effect
1
Start SGD operation
6
SGD Terminate.......................WO (always reads 0)
0
No effect
1
Terminate SGD operation
5
SGD Auto-Start
0
Stop at EOL ........................................... default
1
Auto Restart at EOL
4
Reserved
........................................always reads 0
3
SGD Pause
0
Release pause and resume the transfer
1
Pause SGD read operation (SGD pointer stays
at the current address).
SGD will finish
transferring the current block before pausing.
2
Interrupt on Stop Index = Current Index and End
of Block
Controls whether an interrupt is generated when the
current index equals the stop index (60[2] = 1).
0
Disable ................................................... default
1
Enable
1
Interrupt on EOL @ End of Block
Controls whether an interrupt is generated on EOL
(60[1] = 1).
0
Disable ................................................... default
1
Enable
0
Interrupt on FLAG @ End-of-Block
Controls whether an interrupt is generated on FLAG
(60[0] = 1).
0
Disable ................................................... default
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com