Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 114 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 114 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 110Page - VIA Technologies, Inc. VT8235 Datasheet HTML 111Page - VIA Technologies, Inc. VT8235 Datasheet HTML 112Page - VIA Technologies, Inc. VT8235 Datasheet HTML 113Page - VIA Technologies, Inc. VT8235 Datasheet HTML 114Page - VIA Technologies, Inc. VT8235 Datasheet HTML 115Page - VIA Technologies, Inc. VT8235 Datasheet HTML 116Page - VIA Technologies, Inc. VT8235 Datasheet HTML 117Page - VIA Technologies, Inc. VT8235 Datasheet HTML 118Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-108-
Device 17 Function 5 Audio Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 62 – Write Channel 0 SGD Format ...............RW
7
Reserved (Do Not Program)
...............always write 0
6
Recording FIFO
0
Disable .................................................. default
1
Enable
5-0
Reserved
........................................ always reads 0
I/O Offset 63 – Write Channel 0 Input Select .................RW
7-3
Reserved
........................................ always reads 0
2
Input Source Select
0
Line In (Slot 3, 4) .................................. default
1
Mic In (Slot 6)
1-0
Recording Source Select
00 Primary Codex ...................................... default
01 Secondary Codec 01
10 Secondary Codec 10
11 Secondary Codec 11
I/O Offset 67-64 – Wr Channel 0 SGD Table Ptr Base ..RW
31-0 SGD Table Pointer Base Address (even addr).... W
Current Pointer Address ........................................R
I/O Offset 6B-68 – Write Channel 0 SGD Stop Index ... RW
31-24 SGD Stop Index Setting
...................... default = FFh
23-22 Reserved
........................................always reads 0
21-20 PCM Format
Selects the PCM format used by the controller to
process the incoming sample.
00 8-bit Mono ............................................. default
01 8-bit Stereo
10 16-bit Mono
11 16-bit Stereo
19-16 Reserved
........................................................ RW
15-0 Reserved
........................................always reads 0
I/O Offset 6F-6C – Wr Channel 0 SGD Current Count. RO
31-24 Current SGD Index
This field reports the index the SGD engine is
currently processing.
23-0 Current SGD Count
This field reports the count remaining in the current
entry being processed. For example, if 10 bytes of a
30-byte count have been transferred, this field would
read 20 to indicate 20 bytes remaining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com