Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 119 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 115Page - PMC-Sierra, Inc PM73121 Datasheet HTML 116Page - PMC-Sierra, Inc PM73121 Datasheet HTML 117Page - PMC-Sierra, Inc PM73121 Datasheet HTML 118Page - PMC-Sierra, Inc PM73121 Datasheet HTML 119Page - PMC-Sierra, Inc PM73121 Datasheet HTML 120Page - PMC-Sierra, Inc PM73121 Datasheet HTML 121Page - PMC-Sierra, Inc PM73121 Datasheet HTML 122Page - PMC-Sierra, Inc PM73121 Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

6.4.3
RUTOPIA as the PHY Layer Device in Multi-PHY (MPHY) Mode
The RUTOPIA block functions as a transmit UTOPIA block when in MPHY mode. The transmit
MPHY UTOPIA timing signals are compatible with the UTOPIA Level 2 MPHY specification
(refer to Appendix B, “References”, on page 203). Table 20 on page 101 indicates the transmit
UTOPIA signal names and their corresponding UTOPIA designations. The AAL1gator II will not
drive TPHY_CLAV unless /TPHY_ADDR was low the previous cycle. The value driven will be
dependent on whether or not it has room for a complete cell. TPHY_DATA and TPHY_SOC are
captured when /TPHY_EN is active and the AAL1gator II was selected. The AAL1gator II is
selected only if /TPHY_ADDR is low and /TPHY_EN is high during one clock cyle, and /TPHY_
EN is asserted low in the following clock cycle. TPHY_SOC indicates the start of a new cell. If
the current cell will fill the internal FIFO, then TPHY_CLAV will be deactivated the same cycle
it is receiving the 49th byte of data if /TPHY_ADDR is low on the previous cycle. Figure 68
Figure 67.
RUTOPIA SPHY Timing
Symbol
Parameter
Signal
Min
Max
Unit
TPHY_CLK frequency
33
MHz
Tdc
TPHY_CLK duty cycle
45
55
%
Thd
TPHY_CLK hold time
TPHY_DATA,
TPHY_SOC, /TPHY_EN
1ns
Tq
TPHY_CLK-to-output
delay
TPHY_CLAV
12
ns
Tsu
TPHY_CLK setup time
TPHY_DATA, TPHY_SOC, /TPHY_EN
5
ns
D1
D2
D3
D4
Tdc
Tdc
Tsu
Thd
Tq
TPHY_CLK(i)
TPHY_CLAV(o)
TPHY_DATA(i)
TPHY_SOC(i)
TPHY_EN(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com