Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 29Page - PMC-Sierra, Inc PM9313 Datasheet HTML 30Page - PMC-Sierra, Inc PM9313 Datasheet HTML 31Page - PMC-Sierra, Inc PM9313 Datasheet HTML 32Page - PMC-Sierra, Inc PM9313 Datasheet HTML 33Page - PMC-Sierra, Inc PM9313 Datasheet HTML 34Page - PMC-Sierra, Inc PM9313 Datasheet HTML 35Page - PMC-Sierra, Inc PM9313 Datasheet HTML 36Page - PMC-Sierra, Inc PM9313 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
PMC-Sierra, Inc.
Figure 8. LCS Cell Sliced Across Dataslices and Crossbars
The 64 byte payload cell requires six Dataslices per port and 12 Crossbars (32 port, non-redundant). The
76 byte payload cell requires seven Dataslices per port and 14 Crossbars. The EPP is capable of
supporting the seventh Dataslice.
Because the extra data is obtained by slicing the cell then this does not affect the clock frequency of the
Chip Set. The only effect is that the link between the ETT1 port and the linecard must go up from 18 Gbaud
to 21 Gbaud. This is done by making the link wider, not faster.
1.2.9.2
8, 16, or 32 ports
The ETT1 core can support a maximum of 32 ports. Smaller configurations can be supported by simply not
using some of the ports. However, if the maximum system is an eight or 16 port configuration, then some
Dataslice
Crossbar 0
Slices 0,1
Crossbar 1
Dataslice
Crossbar 2
Slices 2,3
Crossbar 3
Dataslice
Crossbar 10
Slices 10,11
Crossbar 11
Dataslice
Crossbar 12
Slices 12,13
Crossbar 13
LCS Header
(8 Bytes)
Payload
(64 Bytes)
Extra 12 bytes
(6 bytes per slice)
ETT1 Port
Dataslice
Slices 0,1
Dataslice
Slices 2,3
Dataslice
Slices 10,11
Dataslice
Slices 12,13
ETT1 Port
LCS Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com