Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 57Page - PMC-Sierra, Inc PM9313 Datasheet HTML 58Page - PMC-Sierra, Inc PM9313 Datasheet HTML 59Page - PMC-Sierra, Inc PM9313 Datasheet HTML 60Page - PMC-Sierra, Inc PM9313 Datasheet HTML 61Page - PMC-Sierra, Inc PM9313 Datasheet HTML 62Page - PMC-Sierra, Inc PM9313 Datasheet HTML 63Page - PMC-Sierra, Inc PM9313 Datasheet HTML 64Page - PMC-Sierra, Inc PM9313 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
PMC-Sierra, Inc.
Figure 27. Ingress Port Logic
The egress side of the port also looks at the TDM table. If the Output Valid bit in the current entry is set,
then the port tells the Scheduler that it expects to receive a TDM cell at some fixed time in the future. This
prevents the Scheduler from trying to schedule a best-effort cell to that port at the same time.
If the Scheduler doesn’t receive the input TDM request bit from the specified input port, then it assumes
that there is no TDM cell ready to be transmitted, and thus any egress port that expected to receive that
cell will now become available for best-effort cell scheduling.
When the TDM cell enters the egress port, it is placed in a separate, 96-entry, egress queue dedicated for
TDM traffic. Whenever this queue is non-empty, the cell at the head of the queue is sent immediately to the
linecard (provided that the Output Scheduler is not frozen).
Current TDM Slot Time
=?
OC-48c 0
OC-48c 1
OC-48c 2
OC-48c 3
“Send”Table
TDM Cell Queues
0
991
OC-48c Select
TDM Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com