Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 39Page - PMC-Sierra, Inc PM9313 Datasheet HTML 40Page - PMC-Sierra, Inc PM9313 Datasheet HTML 41Page - PMC-Sierra, Inc PM9313 Datasheet HTML 42Page - PMC-Sierra, Inc PM9313 Datasheet HTML 43Page - PMC-Sierra, Inc PM9313 Datasheet HTML 44Page - PMC-Sierra, Inc PM9313 Datasheet HTML 45Page - PMC-Sierra, Inc PM9313 Datasheet HTML 46Page - PMC-Sierra, Inc PM9313 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
PMC-Sierra, Inc.
The complete sequence of events at the input side is shown in Figure 15.
1.
Linecard a issues a request to the EPP to send a cell to output channel (0,1). The initial request
count is zero, so the arrival of the request then increments the request count to one.
2.
The LCS Grant Manager sees that there is at least one empty cell buffer in the virtual output queue
for output (0,1), and that the request counter for (0,1) is non-zero and so it decrements the request
counter (back to zero) and issues a grant to the linecard.
3.
The linecard then forwards the actual cell body to the EPP which stores the cell in the virtual
output queue. The EPP also issues a request to the Scheduler, indicating that there is a cell
waitingto be transferredtooutput (0).
4.
Later the Scheduler issues a grant to the EPP which can forward the cell through the Crossbar to
the output channel (the EPP at port 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com