Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 65Page - PMC-Sierra, Inc PM9313 Datasheet HTML 66Page - PMC-Sierra, Inc PM9313 Datasheet HTML 67Page - PMC-Sierra, Inc PM9313 Datasheet HTML 68Page - PMC-Sierra, Inc PM9313 Datasheet HTML 69Page - PMC-Sierra, Inc PM9313 Datasheet HTML 70Page - PMC-Sierra, Inc PM9313 Datasheet HTML 71Page - PMC-Sierra, Inc PM9313 Datasheet HTML 72Page - PMC-Sierra, Inc PM9313 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
65
PMC-Sierra, Inc.
Table 3.
LCS Format from Linecard to Switch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
Request
Field
Req
Valid
Label_1 [13:7]
Byte 1
Label_1 [6:0]
Type_1
[3]
Byte 2
Type_1 [2:0]
Rsvd
Byte 3
Payload
Field
Payload
Valid
Seq_Number[9:3]
Byte 4
Seq_Number[2:0]
Rsvd
Byte 5
Hole Field
Payload_Hole_Request[3:0]
Rsvd
Byte 6
CRC Field
CRC-16[15:8]
Byte 7
CRC-16 [7:0]
Bytes 8-71 or
8-83
Payload
Payload Data
Table 4.
Definitions of LCS Fields from Linecard to Switch
Field
Size (bits)
Definition
Req Valid
1
Indicates that request field is valid (Request Label_1).
Label_1
14
Label that is being requested (e.g. unicast-QID/multicast-label/TDM-label).
Type_1
4
Segment type that is being requested (e.g. Control Packet).
Payload Valid
1
Indicates that the Payload Data field contains a valid payload.
Seq_Number
10
A sequence number for synchronizing grants with payloads.
Payload_Hole_
Request
4
Request for a “hole” in the payload stream from switch to linecard. (Priority 3,2,1,0 for bits
[3:0], respectively.) (See Section 1.2.4 “End-to-End Flow Control” on page 22 for
explanation).
CRC-16
16
16-bit CRC calculated over complete 64-bit prepend.a
a. See Section 1.6.4.1 “Use of CRC-16 Field” on page 73 for details of CRC calculation and Section 3.4.2.2 “Reset and
Control” on page 169, bit 4.
Payload Data
64 or 76
bytes
Payload Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com