Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 85Page - PMC-Sierra, Inc PM9313 Datasheet HTML 86Page - PMC-Sierra, Inc PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc PM9313 Datasheet HTML 88Page - PMC-Sierra, Inc PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc PM9313 Datasheet HTML 90Page - PMC-Sierra, Inc PM9313 Datasheet HTML 91Page - PMC-Sierra, Inc PM9313 Datasheet HTML 92Page - PMC-Sierra, Inc PM9313 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
85
PMC-Sierra, Inc.
1.8.1
Initial Power-on:
•
Wait for voltage ramp-up
•
Suggested:
•
Initialize the OOB satellite FPGA
•
Reset Enhanced Port Processor
•
Reset Dataslices
•
Reset Scheduler
•
Reset Crossbar
•
Enable PLLs on all devices (turn off PLL reset)
•
Program Dataslices' DINBY and DOUTBY to 3
•
Set interrupt masks (disable all except AIB ready up and external link interrupts) on EPP & DSs
•
Set primary Crossbar in DSs to one that exists
•
Program 8b10b tables of DSs
•
Program pre-defined switch to Linecard Control Packets location in all DSs. ( See section 3.3,
table 28)
•
EPP Waiting Scheduler Request Count Memory EWSRCT address offset 1C000-1DFFCh: After
resetting an EPP, write 00000000h to address offsets 1D000h through 1D7FCh in that EPP (a total
of 512 OOB writes). Whan all EPPs are resetsimultaneously (using a broadcast OOB write to the
EPP Reset and Control register), 512 broadcast OOB writes can be used to reset those locations
in all EPPs.
•
Release VCSEL and PIN diode resets on DSs
•
Suggested:
•
enable clock phase shifting on Serdes,
•
configure Serdes loopback controls for normal operation,
•
enable Serdes synchronization,
•
send idle-not-rdy from linecard
•
Enable DS 8b10b encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com