Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 53Page - PMC-Sierra, Inc PM9313 Datasheet HTML 54Page - PMC-Sierra, Inc PM9313 Datasheet HTML 55Page - PMC-Sierra, Inc PM9313 Datasheet HTML 56Page - PMC-Sierra, Inc PM9313 Datasheet HTML 57Page - PMC-Sierra, Inc PM9313 Datasheet HTML 58Page - PMC-Sierra, Inc PM9313 Datasheet HTML 59Page - PMC-Sierra, Inc PM9313 Datasheet HTML 60Page - PMC-Sierra, Inc PM9313 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
PMC-Sierra, Inc.
The actual occupancy of a VIQ is dynamic: the number of free cell locations will increment whenever a cell
is forwarded to the attached linecard, and the number of free cell locations will decrement whenever a new
cell enters the VIQ from the crossbar. The iEPP knows the latter information - it is the iEPP that forwards
the cell to the VIQ. But the iEPP does not know when a cell gets sent out to the linecard. So the oEPP must
tell each iEPP how many cells have been sent from each relevant VIQ, and this information must be sent
with sufficient frequency that the throughput of a single flow is not adversely affected.
In the ETT1 fabric, this update information is transmitted from the oEPPs to the iEPPs via a second
Crossbar, referred to as the Flow Control Crossbar. Figure 25 shows the cell flow from left to right and the
reverse flow of the update information.
Figure 25. A Separate Crossbar is Used to Convey Backpressure Information to the iEPPs
Every iEPP maintains a set of counters (Output Queue Debit Counters) that track the number of cells in
each of the relevant VIQs of every oEPP. At reset, these counters are all set to zero. A counter is
incremented whenever the iEPP makes a request to forward a cell to the appropriate VIQ. If the counter
reaches a pre-determined maximum, then the iEPP will not issue further requests. Once some cells are
forwarded from the VIQ, the iEPP will reduce the counter and resume issuing requests for that flow.
In general, the user does not need to be aware of the details of this mechanism except for the case when
update information is lost, perhaps due to a noise-induced error on one or more of the links attached to the
Flow Control Crossbar. The details of this error recovery mechanism are described in Section “Enhanced
Port Processor - Flow Control Crossbar” on page 94.
0,0
0,1
0,2
0,3
Virtual Output Queues
Crossbar
Scheduler
iEPP
Req/Gnt
Cell
0,0
0,1
0,2
0,3
Virtual Input Queues
oEPP
Crossbar
Flow Control
sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com