Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 15Page - PMC-Sierra, Inc PM9313 Datasheet HTML 16Page - PMC-Sierra, Inc PM9313 Datasheet HTML 17Page - PMC-Sierra, Inc PM9313 Datasheet HTML 18Page - PMC-Sierra, Inc PM9313 Datasheet HTML 19Page - PMC-Sierra, Inc PM9313 Datasheet HTML 20Page - PMC-Sierra, Inc PM9313 Datasheet HTML 21Page - PMC-Sierra, Inc PM9313 Datasheet HTML 22Page - PMC-Sierra, Inc PM9313 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
15
PMC-Sierra, Inc.
1
Functional Description
1.1
OVERVIEW
The ETT1TM Chip Set provides a crossbar-based switch core which is capable of switching cells between
32 ports with each port operating at data rates up to 10 Gbit/s. This section describes the main features of
the switch core and how cells flow through a complete system that is based on the ETT1 Chip Set.
This document often refers to port rates of OC-192c or OC-48c. The ETT1 Chip Set itself operates at a
fixed cell rate of 25M cells per second per port and thus is unaware of the actual data rate of the attached
link. So a switch might be 32 ports of OC-192c, or it could be 32 ports of 10 Gbit/s Ethernet; it is the internal
cell rate that is determined by the ETT1 Chip Set, not the link technology.
1.1.1
ETT1 Switch Core Features
The ETT1 switch core provides the following features:
•
320 Gbit/s aggregate bandwidth - up to 32 ports of 10 Gbit/s bandwidth each
•
Each port can be configured as 4 x OC-48c or 1 x OC-192c
•
Both port configurations support four priorities of best-effort traffic for unicast and multicast data
traffic
•
TDM support for guaranteed bandwidth and zero delay variation with 10 Mbit/s channel resolution
•LCSTM protocol supports a physical separation of switch core and linecards up to 200 feet (70 m)
•
Virtual output queues to eliminate head-of-line blocking on unicast cells
•
Internal speedup to provide near-output-queued performance
•
Cells are transferred using a credit mechanism to avoid cell losses due to buffer overrun
•
In-band management and control via Control Packets
•
Out-of-band management and control via a dedicated CPU interface
•
Optional redundancy of all shared components for fault tolerance
•
Efficient support for multicast with cell replication performed within the switch core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com