Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 48Page - PMC-Sierra, Inc PM9313 Datasheet HTML 49Page - PMC-Sierra, Inc PM9313 Datasheet HTML 50Page - PMC-Sierra, Inc PM9313 Datasheet HTML 51Page - PMC-Sierra, Inc PM9313 Datasheet HTML 52Page - PMC-Sierra, Inc PM9313 Datasheet HTML 53Page - PMC-Sierra, Inc PM9313 Datasheet HTML 54Page - PMC-Sierra, Inc PM9313 Datasheet HTML 55Page - PMC-Sierra, Inc PM9313 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 343 page
background image
48
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
In order to reduce the blocking effects of one OC-48c channel over another channel on the same port,
there is a special multicast output queue for each priority. The multicast cells forwarded through the
Crossbar are still queued in the order they arrive. This special queue enables cells to be sent out-of-order,
but will always be sent in-order for a given egress subport. Therefore, a multicast cell waiting in the output
queue memory can only be blocked by cells destined to the same egress subport. Additional output queue
memory becomes available whenever a cell is dequeued.
If backpressure is asserted by one of the OC-48c channels to the output multicast queue, then subsequent
cells going to other channels on the same port may be blocked if the entire queue is occupied by cells
destined to the blocked OC-48c channel. This is a consequence of sharing the output queue memory
allocation for multicast cells at a given priority. This can cause multicast backpressure to the central
Scheduler which can block multicast cells destined to other ports at the same priority if multicast
backpressure is enabled.
1.3.4.1
Multicast Tables (OC-192c and Quad OC-48c Modes)
The input multicast fanout table (EITIBM in the EPP) is always used for multicast cells. Every EPP has its
own EITIBM table with 4096 entries. The EPP uses the 12-bit multicast tag field from the LCS label field to
determine which entry in the table should be used for each multicast cell, as shown in Figure 21. Each
entry is simply a 32 bit vector where a 1 means that the cell should go to that port. So if an entry has a 1 at
bit 12, for example, then a multicast cell that uses that entry will be sent to port 12 (as well as any other
ports that have their bit set to 1).
Figure 21. EITIBM structure
Multicast tag [11:0]
12
32
iEPP
Input Multicast
Fanout Table EITIBM
To Scheduler
0
4095
31
0
1 bit for each output OC-192c port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com