Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 16Page - PMC-Sierra, Inc PM9313 Datasheet HTML 17Page - PMC-Sierra, Inc PM9313 Datasheet HTML 18Page - PMC-Sierra, Inc PM9313 Datasheet HTML 19Page - PMC-Sierra, Inc PM9313 Datasheet HTML 20Page - PMC-Sierra, Inc PM9313 Datasheet HTML 21Page - PMC-Sierra, Inc PM9313 Datasheet HTML 22Page - PMC-Sierra, Inc PM9313 Datasheet HTML 23Page - PMC-Sierra, Inc PM9313 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 343 page
background image
16
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
1.1.2
The Switch Core Model
The ETT1 Chip Set is designed to provide a switch core, not a complete packet switch system. A complete
switch consists of one or more switch cores, together with a number of linecards. Each linecard connects
to one port in the core. The linecard includes a physical interface (fiber, co-axial cable) to a transmission
system such as SONET/SDH or Ethernet. The linecard analyzes incoming cells or packets and determines
the appropriate egress port and priority. The linecard contains any cell/packet queues that are needed to
allow for transient congestion through the switch.
The ETT1 switch core operates on fixed size cells. If the linecard transmission system uses variable length
packets, or cells of a size different from those used in the core, then the linecard is responsible for
performing any segmentation and reassembly that is needed. Figure 1 illustrates this generic
configuration.
Figure 1. The Basic Components of a Switch Built Around the ETT1 Chip Set.
The ETT1 Chip Set has been designed to allow for up to 200 feet (70 meters) of physical separation
between the ETT1 core and the linecard. The LCSTM(Linecard to Switch) protocol is used between the
ETT1 core and the linecard to ensure lossless transfer of cells between the two entities. However, while
the LCS protocol must be implemented, the physical separation is not mandatory; the linecard could reside
on the same physical board as the ETT1 port devices.
The switch core has two main interfaces. One is the interface between the linecard and the core port,
described in the LCS Protocol section.
SONET/SDH
Ethernet....
SONET/SDH
Ethernet....
ETT1 Switch Core
CPU
OOB Bus
LCS Protocol
Linecard 0
Linecard 31
port 0
port 0
ETT1 Chip Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com