Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 56Page - PMC-Sierra, Inc PM9313 Datasheet HTML 57Page - PMC-Sierra, Inc PM9313 Datasheet HTML 58Page - PMC-Sierra, Inc PM9313 Datasheet HTML 59Page - PMC-Sierra, Inc PM9313 Datasheet HTML 60Page - PMC-Sierra, Inc PM9313 Datasheet HTML 61Page - PMC-Sierra, Inc PM9313 Datasheet HTML 62Page - PMC-Sierra, Inc PM9313 Datasheet HTML 63Page - PMC-Sierra, Inc PM9313 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 343 page
background image
56
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
The EPP contains two TDM tables so that one table can be used by the fabric while the system software is
configuring the other table. All EPPs must use the same table at the same time. A TDM LCS Control
Packet is used to specify which of the two tables is being used at any given time.
At the start of the Frame, a TDM pointer in each port begins at entry 0 in the table and advances one entry
every cell time. During every cell time, if the “current” TDM table Send entry is valid, the EPP checks to see
if the cell at the head of the appropriate TDM queue has a TDM flow ID (tag) that matches the entry in the
table. If not, then nothing special is done. If they do match then the EPP informs the Scheduler that it will
be sending a TDM cell at some fixed time in the future. This prevents the Scheduler from trying to schedule
a best-effort cell from that port at the same time. Figure 27 shows the logic at the ingress port.
Subport
2
Identifies the source subport (if in subport mode, else 0)
Output
VLD
1
1 if the output side TDM entry is valid
Input Port
5
Input port that the output expects to receive from
Output
vector
4
A four-bit vector which defines the fanout of the subports that should receive
aTDM cell.
Table 2.
TDM Reservation Table (Continued)
Field
Size (bits)
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com