Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 68Page - PMC-Sierra, Inc PM9313 Datasheet HTML 69Page - PMC-Sierra, Inc PM9313 Datasheet HTML 70Page - PMC-Sierra, Inc PM9313 Datasheet HTML 71Page - PMC-Sierra, Inc PM9313 Datasheet HTML 72Page - PMC-Sierra, Inc PM9313 Datasheet HTML 73Page - PMC-Sierra, Inc PM9313 Datasheet HTML 74Page - PMC-Sierra, Inc PM9313 Datasheet HTML 75Page - PMC-Sierra, Inc PM9313 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 343 page
background image
68
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
Table 9.
Usage of the Egress Grant Label_1
Segment Type
Type_1
Encoding of Grant Label_1[13:0]
Control Packet
0000
Rsvda (13), CP-category (1). CP-category = 0 for LCS Control Packets;
CP-category = 1 for CPU Control Packets.
a. Reserved. All bits labeled Rsvd must be set to zero.
TDM
0111
MUX (2)b, Expansionc (2), TDM Tag (10)
b. The MUX[1:0] field is placed at the beginning of the Grant Label_1 field in all segments (i.e. both data traffic and control
packets). If this field is not used for a MUX function, it can be used as additional bits for expansion. If not used, it must be
set to zero.
c. TDM Expansion field used in products if the number of TDM slots is increased. If this field is used, the “TDM Tag” field
will increase contiguously. If not used, must be set to zero.
Unicast Best-Effort
(Priority 0,1,2,3)
10xx
MUX (2)b, Expansiond (5), Destination Port (5), Destination subporte (2)
d. Unicast Expansion field used in products if the number of ports is increased. If this field is used, the “Destination Port”
field will increase contiguously. If not used, must be set to zero.
e. If the port has no subports (i.e. if it is connected to a single linecard without multiplexing), this field must be set to zero.
Multicast Best-Effort
(Priority 0,1,2,3)
11xx
MUX (2)b, Multicast Tag (12)
Table 10.
Usage of the Egress Payload Label_2
Segment Type
Type_2
Encoding of Payload Label_2[13:0]
Control Packet
0000
Rsvda (13), CP-category (1). CP-category = 0 for LCS Control Packets;
CP-category = 1 for CPU Control Packets.
a. Reserved. All bits labeled Rsvd must be set to zero.
TDM
0111
Expansionb (7), Source Port (5), Source subportc (2)
b. TDM Expansion field used in products if the number of ports is increased. If this field is used, the “Source Port” field will
increase contiguously. If not used, must be set to zero.
c. If the source port has no subports (i.e. if it is connected to a single linecard without multiplexing), this field will be zero.
Unicast Best-Effort
(Priority 0,1,2,3)
10xx
Expansiond (7), Source Port (5), Source subportc (2)
d. Unicast Expansion field used in products if the number of ports is increased. If this field is used, the “Source Port” field
will increase contiguously. If not used, must be set to zero.
Multicast Best-Effort
(Priority 0,1,2,3)
11xx
Expansione (7), Source Port (5), Source subportc (2)
e. Multicast Expansion field used in products if the number of ports is increased. If this field is used, the “Source Port” field
will increase contiguously. If not used, must be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com