Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 58Page - PMC-Sierra, Inc PM9313 Datasheet HTML 59Page - PMC-Sierra, Inc PM9313 Datasheet HTML 60Page - PMC-Sierra, Inc PM9313 Datasheet HTML 61Page - PMC-Sierra, Inc PM9313 Datasheet HTML 62Page - PMC-Sierra, Inc PM9313 Datasheet HTML 63Page - PMC-Sierra, Inc PM9313 Datasheet HTML 64Page - PMC-Sierra, Inc PM9313 Datasheet HTML 65Page - PMC-Sierra, Inc PM9313 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 343 page
background image
58
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
The TDM service is inherently a multicast service. The egress ETT1 must therefore support the ability for a
TDM cell to go to any combination of the four subports within a port. A four-bit field in every TDM table
entry provides the multicast fanout for each TDM cell that is received at the egress port. The EPP keeps
track of this fanout information and sends the TDM cell to each subport that is a member of the fanout.
Figure 28 illustrates how the EPP uses the TDM table to determine the source port of a TDM cell, as well
as the local subport multicast fanout.
Figure 28. The oEPP Must Treat the Transferred TDM Cell as a Multicast Cell
The output TDM cell queue does not need to be large as TDM cells are always forwarded to the output
linecards at the highest priority, and the TDM queue is never backpressured. The size of this queue does,
however, restrict the possible TDM table configuration. The following constraints are required to prevent
dropped TDM cells:
•
In a TDM table time slot, an input port can not send more than one cell and an output port can not
receive more than one cell.
•
Subport mode: The TDM Reservation Table can specify the same ingress subport only once every
four time slots.
•
Subport mode: The TDM Reservation Table can not specify the same egress subport more than
48 time slots within a moving window of 192 time slots. This constraint is caused by the TDM
output queue.
Current TDM Slot Time
TDM Reservation Table
0
991
Inputport= 12
output vector
= 0101
Cell from Crossbar
To Scheduler
0001
0111
0101
Output TDM Cell Queue
(multicast fanout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com