Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 37Page - PMC-Sierra, Inc PM9313 Datasheet HTML 38Page - PMC-Sierra, Inc PM9313 Datasheet HTML 39Page - PMC-Sierra, Inc PM9313 Datasheet HTML 40Page - PMC-Sierra, Inc PM9313 Datasheet HTML 41Page - PMC-Sierra, Inc PM9313 Datasheet HTML 42Page - PMC-Sierra, Inc PM9313 Datasheet HTML 43Page - PMC-Sierra, Inc PM9313 Datasheet HTML 44Page - PMC-Sierra, Inc PM9313 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
PMC-Sierra, Inc.
1.3.3.1
Virtual Output Queues
Ideally, the EPP/DS would have a separate VOQ which would correspond to each of the request counters.
This would mean that congestion on one VOQ would not impact any other VOQ on the same OC-48c or
any VOQs on different OC-48c channels.
In practice, the EPP is constrained by the amount of cell buffering available in the ETT1 Dataslice device
(which contains the actual cell buffers). Consequently, all four request counters that correspond to a single
output channel share a single queue, as shown in Figure 14.
The EPP only manages a single queue for each of the output channels (whether the output channel is
OC-48c or OC-192c). If the EPP is connected to four OC-48c inputs, then those four OC-48c linecards
must share the single queue used for each output. The four dotted arrows in Figure 14 show that the four
request counters for output (0,0) all map to the same VOQ for output (0,0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com