Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 42Page - PMC-Sierra, Inc PM9313 Datasheet HTML 43Page - PMC-Sierra, Inc PM9313 Datasheet HTML 44Page - PMC-Sierra, Inc PM9313 Datasheet HTML 45Page - PMC-Sierra, Inc PM9313 Datasheet HTML 46Page - PMC-Sierra, Inc PM9313 Datasheet HTML 47Page - PMC-Sierra, Inc PM9313 Datasheet HTML 48Page - PMC-Sierra, Inc PM9313 Datasheet HTML 49Page - PMC-Sierra, Inc PM9313 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 343 page
background image
42
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
In the ideal scenario, each oEPP would have a separate virtual input queue for every (possibly 128) input
channel. However, the same restriction applies, limiting the oEPP to just 32 queues per output OC-48c
(and per priority). Figure 16 shows the virtual input queues in each oEPP when attached to four OC-48c
ports.
Each virtual input queue maps back to a single virtual output queue in one of the iEPPs. In abstract terms,
the virtual input queue is simply an extension of the appropriate virtual output queue.
Each output OC-48c channel within the oEPP has its own set of unicast virtual input queues. If an output
queue (virtual input queue) is backpressured, then this will push back to the appropriate virtual output
queue. However, each virtual output queue is shared by the four input OC-48c channels within that iEPP,
so backpressuring a virtual output queue has the effect of asserting backpressure to all four OC-48c’s on
thesameiEPP.
The oEPP has an Output Scheduler process which determines which cell should be forwarded to the
egress linecards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com