Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 70Page - PMC-Sierra, Inc PM9313 Datasheet HTML 71Page - PMC-Sierra, Inc PM9313 Datasheet HTML 72Page - PMC-Sierra, Inc PM9313 Datasheet HTML 73Page - PMC-Sierra, Inc PM9313 Datasheet HTML 74Page - PMC-Sierra, Inc PM9313 Datasheet HTML 75Page - PMC-Sierra, Inc PM9313 Datasheet HTML 76Page - PMC-Sierra, Inc PM9313 Datasheet HTML 77Page - PMC-Sierra, Inc PM9313 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 343 page
background image
70
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
linecard and the switch core CPU, and (3) Single Phase Control Packets which are used as a special form
of LCS Control packets for timing sensitive information.
1.6.3.1
LCS Control Packets
LCS CPs are specified by setting the Label_1/Label_2 Field to 14’h0000 (CP-category for LCS Control
Packets) and associated Type Field to 4’h0 (Type for Control Packets). Table 11 describes the contents of
the first 10-bytes of the LCS segment payload for an LCS CP format.
Because there is no flow control mechanism for LCS CPs sent to the switch fabric, and a CP request/grant
does not distinguish the CP_Type, care must be taken so as not to overflow the receiving CP queues. At
most, only one request for each CP_Type should be outstanding.
In what follows, the three CP_Types of currently defined LCS CPs are described.
NOTE: The actual LCS headers for Switch-to-Linecard Control Packets are not built in to the EPP.
Instead, the EPP expects to find the headers, preconfigured at specific queue locations
within the Dataslices. Thus, part of the initialization sequence of a new ETT1 port card is
to write the values of the Control Packets into the Dataslice queues. Section 3.3 “Output
Dataslice Queue Memory Allocation with EPP” on page 162, provides details of these
locations.
Table 11.
LCS Control Packet Format
Field
Size
(bits)
Definition
CP_Type
8
Indicates the type of LCS Control Packet (e.g. TDM)
CP_Type Extension
56
Indicates the information carried with this type of control packet. Unused bits
must be set to zero.
CRC-16
16
16-bit CRC calculated over 10-byte control packet payload.a
a. See Section 1.6.4.1 “Use of CRC-16 Field” on page 73 for details of CRC calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com