Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 82Page - PMC-Sierra, Inc PM9313 Datasheet HTML 83Page - PMC-Sierra, Inc PM9313 Datasheet HTML 84Page - PMC-Sierra, Inc PM9313 Datasheet HTML 85Page - PMC-Sierra, Inc PM9313 Datasheet HTML 86Page - PMC-Sierra, Inc PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc PM9313 Datasheet HTML 88Page - PMC-Sierra, Inc PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc PM9313 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 343 page
background image
82
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
Figure 34. Write Cycle - No Wait
Addresses are presented during cycles A0-A3. The write data is presented during D0-D3. There is then a
recover cycle during which the target performs the write.
1.7.1.7
A Write Cycle - One Wait
If, during D3, the target decides that it may not be able to complete the write immediately, then it must
assert WAIT_L. It continues to assert WAIT_L until the write is completed or WAIT_L has been asserted for
256 cycles, at which time WAIT_L is de-asserted. (If WAIT_L is asserted for 256 cycles then the master will
consider this to be a bus error).
Figure 35. shows a write cycle with the target forcing a one cycle wait. The target slave asserts WAIT_L
during A3 to indicate that the target is active. The target then de-asserts WAIT_L and re-asserts it during
D3. The master must maintain d7:0 until WAIT_L is de-asserted.
Figure35. WriteCycle- OneWait
1.7.1.8
A Read Cycle - One Wait
A simple 32-bit read. The master drives out a 31-bit address, 8 bits at a time, most significant bits first;
AD[7] is driven low in the first cycle to indicate a read cycle. VALID_L is asserted by the master to indicate
the new cycle. The target slave asserts WAIT_L during A3 to indicate that the target is active. The target
CLK
AD[6:0]
d30:24
d22:16
d14:8
d6:0
a30:24
a22:16
a14:8
a6:0
VALID_L
WAIT_L
AD[7]
d31
d23
d15
d7
W/R
a23
a15
a7
A0
A1
A2
A3
D0
D1
D2
D3
Rec
Idle
board address
address
board
CLK
AD[6:0]
d30:24
d22:16
d14:8
d6:0
a30:24
a22:16
a14:8
a6:0
VALID_L
WAIT_L
AD[7]
d31
d23
d15
d7
W/R
a23
a15
a7
A0
A1
A2
A3
D0
D1
D2
D3
Rec
Wt
address
board
address
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com