Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 83Page - PMC-Sierra, Inc PM9313 Datasheet HTML 84Page - PMC-Sierra, Inc PM9313 Datasheet HTML 85Page - PMC-Sierra, Inc PM9313 Datasheet HTML 86Page - PMC-Sierra, Inc PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc PM9313 Datasheet HTML 88Page - PMC-Sierra, Inc PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc PM9313 Datasheet HTML 90Page - PMC-Sierra, Inc PM9313 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
83
PMC-Sierra, Inc.
keeps WAIT_L asserted through bus turn-around cycle (effectively a wait cycle). The target de-asserts
WAIT_L once the first valid data byte is on the bus. VALID_L must be high for at least two rising clocks
before the next cycle. There is an additional bus turn-around cycle during the Recover cycle. This is the
fastest read cycle: there is always at least one bus turn-around cycle whenever AD is tri-stated. The
master must drive the AD signals before the next rising edge of the clock after the VALID_L is deasserted.
Figure 36. Read Cycle - One Wait
1.7.1.9
A Read Cycle - Two Waits
This is the same as a single wait read cycle except that there is an extra wait cycle before D31:24 are valid
and WAIT_L is de-asserted.
Figure 37. Read Cycle - Two Waits
1.7.1.10
Interrupts
Two active high interrupt lines are provided. INT_HI is for “emergency” interrupts such as a card failing.
INT_LO is for non-emergency interrupts such as a device requesting to be polled for some reason.
Interrupts are asserted and de-asserted synchronously with respect to the clock. Interrupts can be
asserted at any time, even during an access.
CLK
VALID_L
WAIT_L
AD[6:0]
d30:24
d22:16
d14:8
d6:0
a30:24
a22:16
a14:8
a6:0
AD[7]
d31
d23
d15
d7
W/R
a23
a15
a7
A0
A1
A2
A3
D0
D1
D2
D3
Rec
Wt
Idle
address
board
address
board
CLK
VALID_L
WAIT_L
AD[6:0]
d30:24
d22:16
d14:8
d6:0
a30:24
a22:16
a14:8
a6:0
AD[7]
d31
d23
d15
d7
W/R
a23
a15
a7
A0
A1
A2
A3
D0
D1
D2
D3
Rec
Wt
Wt
address
board
address
board
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com