Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 35Page - PMC-Sierra, Inc PM9313 Datasheet HTML 36Page - PMC-Sierra, Inc PM9313 Datasheet HTML 37Page - PMC-Sierra, Inc PM9313 Datasheet HTML 38Page - PMC-Sierra, Inc PM9313 Datasheet HTML 39Page - PMC-Sierra, Inc PM9313 Datasheet HTML 40Page - PMC-Sierra, Inc PM9313 Datasheet HTML 41Page - PMC-Sierra, Inc PM9313 Datasheet HTML 42Page - PMC-Sierra, Inc PM9313 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
PMC-Sierra, Inc.
Figure 12. The Input Request Counters
The EPP can support up to four OC-48c channels, and each channel must have its own set of request
counters for each of the 128 OC-48c output channels. Figure 13 shows the full set of counters for a single
priority.
Within the EPP an LCS Grant Manager process issues grants to the linecards in response to the received
requests. Once per cell time the LCS Grant Manager selects one request counter to grant, given that many
may qualify. A request counter qualifies to receive a grant if the counter is non-zero and if there is at least
one empty cell buffer in the VOQ that is used for cells going to that particular output. Once the LCS Grant
Manager has selected a particular VOQ, it decrements the corresponding counter and sends a grant to the
appropriate linecard.
The grant indicates a specific VOQ within the linecard. When the linecard receives the grant it does two
things. First, it sends to the EPP the cell body that is currently at the head of the granted queue. Second, it
increments a local credit counter that is used to determine whether a new request for that queue can be
sent.
2
0
0,0
0,1
3
0,2
7
0,3
0
31,3
OC-48c linecard
request
grant
EPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com