Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 73Page - PMC-Sierra, Inc PM9313 Datasheet HTML 74Page - PMC-Sierra, Inc PM9313 Datasheet HTML 75Page - PMC-Sierra, Inc PM9313 Datasheet HTML 76Page - PMC-Sierra, Inc PM9313 Datasheet HTML 77Page - PMC-Sierra, Inc PM9313 Datasheet HTML 78Page - PMC-Sierra, Inc PM9313 Datasheet HTML 79Page - PMC-Sierra, Inc PM9313 Datasheet HTML 80Page - PMC-Sierra, Inc PM9313 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
73
PMC-Sierra, Inc.
1.6.4
Use of CRC Fields
1.6.4.1
Use of CRC-16 Field
Control Packets and LCS protocol segment prepends use the CRC-16 polynomial:
.
This is thesamepolynomialusedinX.25.
1.
Prior to starting the calculation, the remainder is set to 0xffff.
2.
In all cases, the CRC-16 is calculated over all bits (80-bits of the CP or 64-bits of the prepend) with
the CRC field set to all zeroes.
3.
Transmission of the CRC-16 is done with the most significant bit sent first.
Note that the use of the CRC-16 option in the ETT1 Switch to Linecard LCS protocol segment prepend
requires that the first byte of the CRC-16 be masked when the CRC-16 is checked (see example).
The following are some sample CPs and prepends, showing the CRC-16 generated for each. The CRC-16
field is always the last 16 bits.
LCS Start CP:
0x0280000000000000C566
Request Count CP:
0x01037280240000006FDB
LCS Prepend from Switch to Linecard:
0x8719362C09DCxxC7 1 (subport = 0)
0xE719362C09DCxxC7 1 (subport = 3, MUX masked to 0 for CRC)
0xE719362C09DCxxDF (subport = 3, MUX included in CRC)
The use of the CRC-16 polynomial in an ETT1 system is the same as above, however only the
last eight bits of the 16-bit CRC are valid from the Switch to the Linecard. Therefore, the
receiving linecard should calculate the CRC for the entire prepend with the CRC field set to all
0’s and compare the last eight bits to those of the received CRC as shown here. “xx” means
these eight bits should be masked from the compare.
LCS Prepend from Linecard to Switch:
0x81B9409D00106039 1 (subport = 0)
1. Note the MUX[1:0] field is assumed equal to “00” in these CRC-8 calculations.
x16
x12
x5
1
++
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com