Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc PM9313 Datasheet HTML 88Page - PMC-Sierra, Inc PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc PM9313 Datasheet HTML 90Page - PMC-Sierra, Inc PM9313 Datasheet HTML 91Page - PMC-Sierra, Inc PM9313 Datasheet HTML 92Page - PMC-Sierra, Inc PM9313 Datasheet HTML 93Page - PMC-Sierra, Inc PM9313 Datasheet HTML 94Page - PMC-Sierra, Inc PM9313 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
87
PMC-Sierra, Inc.
•
Set Fault Tolerance Control
•
Enable Port Processor
•
Define 1-in-N Idle Count value
•
Take EPP out of LCS Stop mode
When Crossbar AIB ready up:
•
Inform local processes that the Crossbar is operational
•
Enable all interrupts on Crossbar
When Scheduler AIB ready up:
•
Inform local processes that the Scheduler is operational
•
Enable all interrupts on Scheduler
•
Enable ports that are present and up
•
Enable non-TDM traffic
•
If TDM traffic, define TDM control and Enable TDM traffic
In a system with redundant Schedulers, it is essential to perform a refresh operation as the final step, once
ports are configured and operational. This synchronizes the two Schedulers. Refresh schedulers if
necessary (do not refresh if only one in system)
1.8.2
Port Board being added:
•
Wait for voltage ramp-up
•
Suggested:
•
Initialize the OOB satellite FPGA
•
If a Scheduler is present and has its Control register's CRC Action bit set, save and clear the CRC
Action bit.
•
Reset Enhanced Port Processor
•
Reset Dataslices
•
Enable PLLs on EPP and DSs (turn off PLL reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com