Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 79Page - PMC-Sierra, Inc PM9313 Datasheet HTML 80Page - PMC-Sierra, Inc PM9313 Datasheet HTML 81Page - PMC-Sierra, Inc PM9313 Datasheet HTML 82Page - PMC-Sierra, Inc PM9313 Datasheet HTML 83Page - PMC-Sierra, Inc PM9313 Datasheet HTML 84Page - PMC-Sierra, Inc PM9313 Datasheet HTML 85Page - PMC-Sierra, Inc PM9313 Datasheet HTML 86Page - PMC-Sierra, Inc PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
PMC-Sierra, Inc.
Bit A[31] is used to indicate the cycle type: Write or Read.
The remaining 31 bits are divided into a device select block and a sub-address block.
The global device select block is 11 bits and is used to identify a target device. The sub-address is used by
the target device to identify a register or memory location within the device.
The device select block is divided into three categories as follows:
The current multicast groups are shown in Table 18.
1.7.1.3
Individual Device Selects
The individual device selects (30:20) are hierarchical: the most significant seven bits (30:24) are the board
address and identify a single board (PCB) in the system; the four least significant bits (23:20) determine
which particular device on a board is being selected. In addition, the two most significant bits (30:29)
indicate a board type: Port board, Crossbar board or Scheduler board. Figure 33 shows this organization.
0x7FF
Broadcast Write. All devices should respond to this device select value but will
choose to ignore the write if they do not support a broadcast write to the specified
sub-address. All devices assert WAIT_L until their local write operation completes.
0x7F0 to 0x7FE
Multicast device selects. (15 multicast groups). See Table 18 below for groups.
0x0 to 0x7EF
Individual device selects. See Table 19 for details of one possible address
scheme.
Table 18.
Multicast Group Selects
Group
Device select value (11bits)
All EPPs
0x7FE
All Dataslices
0x7FD
All Schedulers
0x7FC
All Crossbars
0x7FB
All Satellites (Not part of the ETT1 Chip Set)
0x7F0
24
30
16
23
8
15
0
7
Global Device Select (11b)
Sub-address (20b)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com