Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 81Page - PMC-Sierra, Inc PM9313 Datasheet HTML 82Page - PMC-Sierra, Inc PM9313 Datasheet HTML 83Page - PMC-Sierra, Inc PM9313 Datasheet HTML 84Page - PMC-Sierra, Inc PM9313 Datasheet HTML 85Page - PMC-Sierra, Inc PM9313 Datasheet HTML 86Page - PMC-Sierra, Inc PM9313 Datasheet HTML 87Page - PMC-Sierra, Inc PM9313 Datasheet HTML 88Page - PMC-Sierra, Inc PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
PMC-Sierra, Inc.
The combinations of permissible board addresses and device addresses are shown in Table 19.
NOTE: If the satellite OOB controller needs its own address within the OOB space then it can use
0xPPe (i.e. local device select = 0x00e).
1.7.1.4
Port Board Assignment
The port boards must have unique board select addresses in the range 0 to 31. These addresses identify
the logical port number of a port for LCS purposes. The assignment of port addresses is not random and
must reflect the physical connections made between the port boards and the crossbar boards. For
example, one port board will have connections to port 6 on every Crossbar device and port 6 on every
Scheduler. That port board must then have a board address of 6.
1.7.1.5
Bus Cycles
Two types of bus cycles are supported: write and read. Each type may have any number of wait states
before the cycle completes.
1.7.1.6
A Write Cycle - No Wait
A simple 32-bit write. The master drives out a 31-bit address, 8 bits at a time, most significant bits first;
AD[7] is high to indicate a write operation. VALID_L is asserted by the master to indicate the new cycle.
NOTE: The target slave asserts WAIT_L during the final address cycle to indicate that the target is
active. The target then de-asserts WAIT_L with the first data cycle. The master must
de-assert VALID_L for at least one cycle before re-asserting it for the next cycle.
Whenever VALID_L is de-asserted the master must drive the local board address onto AD[6:0].
Table 19.
Unicast Group Selects
Devices
Address Format (bin)
Address range allocated
EPP on port P (P=0..31)
{00P_PPPP_1111}
0x00f, 0x01f, ... 0x1ff
Dataslice D (D=0..13) on port P (P=0..31)
{00P_PPPP_DDDD}a
a. In the ETT1 reference system design, P_PPPP corresponds to the port number (0-1f hex) and DDDD corresponds to the
Dataslice number (0-d hex)
0x000-0x00d,..0x1f0-0x1fd
Scheduler S (S=0,1)
{100_000S_0000}
0x400 or 0x410
Crossbar C (C=0..31)
{010_CCCC_000C}b
b. In the ETT1 reference system design, the first four bits of the CCCC_000C designation correspond to the crossbar board
number, and the last bit of the CCCC_000C designation specifies which of the two crossbar chips on that board is being
addressed. Note that in the reference design, logical crossbars 0 and 6 are on the board with CCCC=0000, logical cross-
bars 1 and 7 are on the board with CCCC=0001, etc.
0x200, 0x201, 0x210...0x2f1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com