Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 12Page - PMC-Sierra, Inc PM9313 Datasheet HTML 13Page - PMC-Sierra, Inc PM9313 Datasheet HTML 14Page - PMC-Sierra, Inc PM9313 Datasheet HTML 15Page - PMC-Sierra, Inc PM9313 Datasheet HTML 16Page - PMC-Sierra, Inc PM9313 Datasheet HTML 17Page - PMC-Sierra, Inc PM9313 Datasheet HTML 18Page - PMC-Sierra, Inc PM9313 Datasheet HTML 19Page - PMC-Sierra, Inc PM9313 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 343 page
background image
xii
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
Table41.
Crossbar Pinout(rightside) .. ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 242
Table33.
Crossbar Alpha PinList ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 243
Table34.
Crossbar CCGA Mechanical Specifications ... ... ... .... ... ... ... .... ... ... ... . 250
Table35.
Non-TDM Traffic . .... ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 257
Table36.
Scheduler Register Summary . ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 259
Table37.
Scheduler Signal Descriptions ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 276
Table38.
Scheduler Pinout (leftside) ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 279
Table39.
Scheduler Pinout (center) . ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 280
Table40.
Scheduler Pinout (rightside) .. ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 281
Table41.
Scheduler AlphaPin List .. ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 282
Table42.
Scheduler CCGA Mechanical Specifications .. ... ... .... ... ... ... .... ... ... ... . 289
Table43.
SignalAssociations
.. ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 293
Table44.
Absolute MaximumRatings .. ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 297
Table 45.
Absolute Maximum Ratings for 3.3V-tolerant 2.5V CMOS (OOB & Serdes Interface) . . . . 297
Table46.
Absolute MaximumRatings for 2.5VCMOS(JTAG Interface) .. ... ... .... ... ... ... . 297
Table47.
Absolute MaximumRatings for 200 Mbps HSTL (EPP/DSInterface) ... .... ... ... ... . 297
Table48.
Absolute MaximumRatings for 800 Mbps STI (AIB Interface) . . ... ... .... ... ... ... . 298
Table 49.
Absolute Maximum Ratings for 2.5V 200 Mbps PECL (CLK and SOC Signals) . . . . . . . . . 298
Table50.
Recommended Operating Conditions .. ... ... ... ... .... ... ... ... .... ... ... ... . 299
Table51.
Additional Power DesignRequirements ... ... ... ... .... ... ... ... .... ... ... ... . 301
Table 52.
DC Electrical Characteristics for 3.3V-tolerant 2.5V CMOS (OOB Interface)
. . . . . . . . . . 302
Table53.
DC Electrical Characteristics for 2.5V CMOS (JTAG Interface) . ... ... .... ... ... ... . 302
Table54.
DC Electrical Characteristics for 3.3V-tolerant2.5V CMOS (Serdes) . . .... ... ... ... . 303
Table55.
DC Electrical Characteristics for 200 Mbps HSTL(EPP/DS Interface) . .... ... ... ... . 303
Table56.
DC Electrical Characteristics for 800 Mbps STI (AIB Interfaces) ... ... .... ... ... ... . 304
Table 57.
DC Electrical Characteristics for 2.5V 200 Mbps PECL (CLK and SOC Signals)
. . . . . . . 304
Table 58.
AC Electrical Characteristics for 3.3V-tolerant 2.5V CMOS (OOB Interface) . . . . . . . . . . . 305
Table59.
AC Electrical Characteristics for 2.5V CMOS (JTAG Interface) . ... ... .... ... ... ... . 305
Table 60.
AC Electrical Characteristics for 3.3V-tolerant 2.5V CMOS (Serdes Interface) . . . . . . . . . 306
Table61.
ReferenceClock for 200 Mbps HSTL (EPP/DSInterface) . . ... ... ... .... ... ... ... . 306
Table62.
AC Electrical Characteristics for 800 Mbps STI(AIB Interface)
... ... .... ... ... ... . 307
Table63.
AC Electrical Characteristics for 2.5V 200Mbps PECL (CLK Signals) . . .... ... ... ... . 307
Table64.
Jitter and Static PhaseOffset for PLL .. ... ... ... ... .... ... ... ... .... ... ... ... . 308
Table65.
Request/Datafrom iDS FrameFormat . ... ... ... ... .... ... ... ... .... ... ... ... . 317
Table66.
Data from oDS Frame Format ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 317
Table67.
Grant/Datato iDS FrameFormat . .... ... ... ... ... .... ... ... ... .... ... ... ... . 317
Table68.
ControltoxDS Link Format .. ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 318
Table69.
DataslicetoCrossbar Frame Format . . ... ... ... ... .... ... ... ... .... ... ... ... . 318
Table70.
Crossbar to DatasliceFrame Format .. ... ... ... ... .... ... ... ... .... ... ... ... . 319
Table71.
Scheduler to EPP Frame Format . .... ... ... ... ... .... ... ... ... .... ... ... ... . 319
Table72.
EPP toScheduler Frame Format . .... ... ... ... ... .... ... ... ... .... ... ... ... . 321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com