Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 72Page - PMC-Sierra, Inc PM9313 Datasheet HTML 73Page - PMC-Sierra, Inc PM9313 Datasheet HTML 74Page - PMC-Sierra, Inc PM9313 Datasheet HTML 75Page - PMC-Sierra, Inc PM9313 Datasheet HTML 76Page - PMC-Sierra, Inc PM9313 Datasheet HTML 77Page - PMC-Sierra, Inc PM9313 Datasheet HTML 78Page - PMC-Sierra, Inc PM9313 Datasheet HTML 79Page - PMC-Sierra, Inc PM9313 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 343 page
background image
72
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
Start/Stop Control Packets
Start/Stop Control Packets are used to toggle the flow of data traffic over the link (here, data traffic is
defined to be TDM, best-effort unicast and multicast segment payloads and associated requests and
grants. i.e. all non-Control Packet segments). Start/Stop Control Packets can be sent over an LCS link in
either direction.
If a linecard sends a Stop Control Packet to the switch core, the switch core will stop sending grants to the
linecard for ingress data traffic, and will stop sending egress data traffic to the linecard. When a Start
Control Packet is sent, grants and egress data traffic resume.
If the switch core sends a Stop Control Packet to a linecard, the linecard must stop sending new data traffic
requests into the switch core until a Start Control Packet is sent.
Note that when either end has received a Stop Control Packet, it can continue to request, grant, send and
receive all categories of Control Packets.
When an LCS link powers-up, it will be in Stop mode: i.e. it will act as if a Stop Control Packet has been
sent in both directions.
1.6.3.2
CPU Control Packets
CPU Control Packets are specified by setting the Label_1/Label_2 Field to 14’h0001 (CP-category for
CPU Control Packets) and associated Type Field to 4’h0 (Type for Control Packets).
When the linecard sends a CPU CP to the switch core CPU, the complete payload data is passed to the
switch core CPU. Likewise, when the switch core sends a CPU CP to the linecard, the complete payload
data is passed to the linecard.
No flow control mechanism is explicitly implemented for CPU CPs, and will be implementation dependent.
Table 14.
Start/Stop Control Packet Format
Field
Size
(bits)
Definition
CP_Type
8
00000010
Start/Stop
1
1=Start, 0=Stop.
Unused
55
Set to zero.
CRC-16
16
16-bit CRC calculated over 10-byte control packet payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com