Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 41Page - PMC-Sierra, Inc PM9313 Datasheet HTML 42Page - PMC-Sierra, Inc PM9313 Datasheet HTML 43Page - PMC-Sierra, Inc PM9313 Datasheet HTML 44Page - PMC-Sierra, Inc PM9313 Datasheet HTML 45Page - PMC-Sierra, Inc PM9313 Datasheet HTML 46Page - PMC-Sierra, Inc PM9313 Datasheet HTML 47Page - PMC-Sierra, Inc PM9313 Datasheet HTML 48Page - PMC-Sierra, Inc PM9313 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
PMC-Sierra, Inc.
Figure 15. (Continued)
The departure of a cell from the VOQ will mean that there is now space for at least one more cell in that
VOQ, and that could trigger the LCS Grant Manager to issue a new grant, assuming that a new request
had come in for that queue.
1.3.3.2
The Output Process
Each EPP consists of an input (i)EPP and an output (o)EPP. The request counters and virtual output
queues described above all reside in the iEPP. The oEPP has virtual input queues that receive the cells
forwarded via the Crossbar.
OC-48c a
EPP
0.0
0,1
0,2
0,3
OC-48c
linecard
Virtual Output Queues
Crossbar
Scheduler
Request (0)
Linecard a receives the grant and forwards cell body to go to output (0,1).
A request is made to the Scheduler.
OC-48c a
EPP
0,0
0,1
0,2
0,3
OC-48c
linecard
Virtual Output Queues
Crossbar
Scheduler
Grant (0
The Scheduler issues a grant to queue (0,1).
.
The EPP then sends the cell through the crossbar to the output queue of port 0
2
0
0,0
0,1
3
0,2
7
0.3
2
1
0,0
0,1
3
0,2
7
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com